Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ28Z560-R1 Datasheet(PDF) 42 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 42 Page - Texas Instruments

Back Button BQ28Z560-R1 Datasheet HTML 38Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 39Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 40Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 41Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 42Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 43Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 44Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 45Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
Table 20. Data Flash Summary (continued)
Units
Subclass
Data
Class
Subclass
Offset
Name
Min Value
Max Value
Default Value
(EVSW
ID
Type
Units)*
Gas Gauging
80
IT Cfg
78
User Rate-Pwr
I2
3000
14000
0
mW/cW
Gas Gauging
80
IT Cfg
80
Reserve Cap-mAh
I2
0
9000
0
mA
Gas Gauging
80
IT Cfg
82
Reserve Energy
I2
0
14000
0
mWh/cWh
Gas Gauging
80
IT Cfg
86
Max Scale Back Grid
U1
0
15
4
—
Gas Gauging
80
IT Cfg
87
Max DeltaV
U2
0
65535
200
mV
Gas Gauging
80
IT Cfg
89
Min DeltaV
U2
0
65535
0
mV
Gas Gauging
80
IT Cfg
91
Max Sim Rate
U1
0
255
2
C/rate
Gas Gauging
80
IT Cfg
92
Min Sim Rate
U1
0
255
20
C/rate
Gas Gauging
80
IT Cfg
93
Ra Max Delta
U2
0
65535
44
m
Ω
Gas Gauging
80
IT Cfg
95
Qmax Max Delta %
U1
0
100
5
mAh
Gas Gauging
80
IT Cfg
96
DeltaV Max Delta
U2
0
65535
10
mV
Gas Gauging
80
IT Cfg
102
Fast Scale Start SOC
U1
0
100
10
%
Gas Gauging
80
IT Cfg
103
Charge Hys Voltage Shift
I2
0
2000
40
mV
Gas Gauging
81
Current Thresholds
0
Dsg Current Threshold
I2
0
2000
60
mA
Gas Gauging
81
Current Thresholds
2
Chg Current Threshold
I2
0
2000
75
mA
Gas Gauging
81
Current Thresholds
4
Quit Current
I2
0
1000
40
mA
Gas Gauging
81
Current Thresholds
6
Dsg Relax Time
U2
0
8191
60
s
Gas Gauging
81
Current Thresholds
8
Chg Relax Time
U1
0
255
60
s
Gas Gauging
81
Current Thresholds
9
Quit Relax Time
U1
0
63
1
s
Gas Gauging
81
Current Thresholds
10
Max IR Correct
U2
0
1000
400
mV
Gas Gauging
82
State
0
Qmax Cell 0
I2
0
32767
1000
mAh
Gas Gauging
82
State
2
Cycle Count
U2
0
65535
0
num
Gas Gauging
82
State
4
Update Status
H1
0x0
0x6
0x0
—
Gas Gauging
82
State
5
V at Chg Term
I2
0
5000
4200
mV
Gas Gauging
82
State
7
Avg I Last Run
I2
–32768
32767
–299
mA
Gas Gauging
82
State
9
Avg P Last Run
I2
–32768
32767
–1131
mA
Gas Gauging
82
State
11
Delta Voltage
I2
–32768
32767
2
mV
Gas Gauging
82
State
15
T Rise
I2
0
32767
0
Num
Gas Gauging
82
State
17
T Time Constant
I2
0
32767
32767
Num
OCV Table
83
OCVa Table
0
Chem ID
H2
0x0
0xffff
0x0107
—
Ra Table
88
R_a0
0
Cell0 R_a flag
H2
0x0
0x0
0xff55
—
Ra Table
88
R_a0
2–30
Cell0 R_a 0–14
I2
183
183
105
2
–10Ω
Ra Table
89
R_a0x
0
xCell0 R_a flag
H2
0xffff
0xffff
0xffff
—
Ra Table
89
R_a0x
2–30
xCell0 R_a 0–14
I2
183
183
105
2
–10Ω
Calibration
104
Data
0
CC Gain
F4
1.0e–1
4.0e+1
0.4768
num
Calibration
104
Data
4
CC Delta
F4
2.9826e+4
1.193046e+
5677445.6
num
6
Calibration
104
Data
8
CC Offset
I2
–32768
32767
–1200
num
Calibration
104
Data
10
Board Offset
I1
–128
127
0
num
Calibration
104
Data
11
Int Temp Offset
I1
–128
127
0
num
Calibration
104
Data
12
Ext Temp Offset
I1
–128
127
0
num
Calibration
104
Data
13
Pack V Offset
I1
–128
127
0
mV
Calibration
107
Current
1
Deadband
U1
0
255
5
mA
Security
112
Codes
0
Sealed to Unsealed
H4
0x0
0xffffffff
0x36720414
—
Security
112
Codes
4
Unsealed to Full
H4
0x0
0xffffffff
0xffffffff
—
Security
112
Codes
8
Authen Key3
H4
0x0
0xffffffff
0x01234567
—
Security
112
Codes
12
Authen Key2
H4
0x0
0xffffffff
0x89abcdef
—
Security
112
Codes
16
Authen Key1
H4
0x0
0xffffffff
0xfedcba98
—
Security
112
Codes
20
Authen Key0
H4
0x0
0xffffffff
0x76543210
—
42
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com