Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F685 Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 25Page - Microchip Technology PIC16F685 Datasheet HTML 26Page - Microchip Technology PIC16F685 Datasheet HTML 27Page - Microchip Technology PIC16F685 Datasheet HTML 28Page - Microchip Technology PIC16F685 Datasheet HTML 29Page - Microchip Technology PIC16F685 Datasheet HTML 30Page - Microchip Technology PIC16F685 Datasheet HTML 31Page - Microchip Technology PIC16F685 Datasheet HTML 32Page - Microchip Technology PIC16F685 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 27
PIC16F631/677/685/687/689/690
FIGURE 2-4:
PIC16F631 SPECIAL FUNCTION REGISTERS
File
File
File
File
Address
Address
Address
Address
Indirect addr. (1) 00h
Indirect addr. (1) 80h
Indirect addr. (1) 100h
Indirect addr. (1) 180h
TMR0
01h
OPTION_REG 81h
TMR0
101h
OPTION_REG 181h
PCL
02h
PCL
82h
PCL
102h
PCL
182h
STATUS
03h
STATUS
83h
STATUS
103h
STATUS
183h
FSR
04h
FSR
84h
FSR
104h
FSR
184h
PORTA
05h
TRISA
85h
PORTA
105h
TRISA
185h
PORTB
06h
TRISB
86h
PORTB
106h
TRISB
186h
PORTC
07h
TRISC
87h
PORTC
107h
TRISC
187h
08h
88h
108h
188h
09h
89h
109h
189h
PCLATH
0Ah
PCLATH
8Ah
PCLATH
10Ah
PCLATH
18Ah
INTCON
0Bh
INTCON
8Bh
INTCON
10Bh
INTCON
18Bh
PIR1
0Ch
PIE1
8Ch
EEDAT
10Ch
EECON1
18Ch
PIR2
0Dh
PIE2
8Dh
EEADR
10Dh
EECON2(1)
18Dh
TMR1L
0Eh
PCON
8Eh
10Eh
18Eh
TMR1H
0Fh
OSCCON
8Fh
10Fh
18Fh
T1CON
10h
OSCTUNE
90h
110h
190h
11h
91h
111h
191h
12h
92h
112h
192h
13h
93h
113h
193h
14h
94h
114h
194h
15h
WPUA
95h
WPUB
115h
195h
16h
IOCA
96h
IOCB
116h
196h
17h
WDTCON
97h
117h
197h
18h
98h
VRCON
118h
198h
19h
99h
CM1CON0
119h
199h
1Ah
9Ah
CM2CON0
11Ah
19Ah
1Bh
9Bh
CM2CON1
11Bh
19Bh
1Ch
9Ch
11Ch
19Ch
1Dh
9Dh
11Dh
19Dh
1Eh
9Eh
ANSEL
11Eh
SRCON
19Eh
1Fh
9Fh
11Fh
19Fh
20h
3Fh
A0h
120h
1A0h
General
Purpose
Registers
64 Bytes
40h
6Fh
EFh
16Fh
1EFh
70h
accesses
70h-7Fh
F0h
accesses
70h-7Fh
170h
accesses
70h-7Fh
1F0h
7Fh
FFh
17Fh
1FFh
Bank 0Bank 1Bank 2Bank 3
Unimplemented data memory locations, read as ‘0’.
Note 1:
Not a physical register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com