Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F685 Datasheet(PDF) 94 Page - Microchip Technology

Part # PIC16F685
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 Datasheet(HTML) 94 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 90Page - Microchip Technology PIC16F685 Datasheet HTML 91Page - Microchip Technology PIC16F685 Datasheet HTML 92Page - Microchip Technology PIC16F685 Datasheet HTML 93Page - Microchip Technology PIC16F685 Datasheet HTML 94Page - Microchip Technology PIC16F685 Datasheet HTML 95Page - Microchip Technology PIC16F685 Datasheet HTML 96Page - Microchip Technology PIC16F685 Datasheet HTML 97Page - Microchip Technology PIC16F685 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 92
© 2008 Microchip Technology Inc.
TABLE 7-1:
SUMMARY OF ASSOCIATED TIMER2(1) REGISTERS
REGISTER 7-1:
T2CON: TIMER 2 CONTROL REGISTER(1)
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-3
TOUTPS<3:0>: Timer2 Output Postscaler Select bits
0000
= 1:1 Postscaler
0001
= 1:2 Postscaler
0010
= 1:3 Postscaler
0011
= 1:4 Postscaler
0100
= 1:5 Postscaler
0101
= 1:6 Postscaler
0110
= 1:7 Postscaler
0111
= 1:8 Postscaler
1000
= 1:9 Postscaler
1001
= 1:10 Postscaler
1010
= 1:11 Postscaler
1011
= 1:12 Postscaler
1100
= 1:13 Postscaler
1101
= 1:14 Postscaler
1110
= 1:15 Postscaler
1111
= 1:16 Postscaler
bit 2
TMR2ON: Timer2 On bit
1
= Timer2 is on
0
= Timer2 is off
bit 1-0
T2CKPS<1:0>: Timer2 Clock Prescale Select bits
00
=Prescaler is 1
01
=Prescaler is 4
1x
= Prescaler is 16
Note 1:
PIC16F685/PIC16F690 only.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE
PEIE
T0IE
INTE
RABIE
T0IF
INTF
RABIF
0000 000x
0000 000x
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
-000 0000
-000 0000
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
-000 0000
-000 0000
PR2
Timer2 Module Period Register
1111 1111
1111 1111
TMR2
Holding Register for the 8-bit TMR2 Register
0000 0000
0000 0000
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
-000 0000
Legend:
x
= unknown, u = unchanged, — = unimplemented read as ‘0’. Shaded cells are not used for Timer2 module.
Note
1:
PIC16F685/PIC16F690 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com