Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47DA1 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 21Page - Microchip Technology MCP47DA1 Datasheet HTML 22Page - Microchip Technology MCP47DA1 Datasheet HTML 23Page - Microchip Technology MCP47DA1 Datasheet HTML 24Page - Microchip Technology MCP47DA1 Datasheet HTML 25Page - Microchip Technology MCP47DA1 Datasheet HTML 26Page - Microchip Technology MCP47DA1 Datasheet HTML 27Page - Microchip Technology MCP47DA1 Datasheet HTML 28Page - Microchip Technology MCP47DA1 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
 2012-2013 Microchip Technology Inc.
DS25118D-page 25
MCP47DA1
Note: Unless otherwise indicated, TA = +25°C, VDD = VREF = 5V, VSS = 0V, RL = 5 k, CL = 1 nF.
FIGURE 2-85:
VOUT vs. Resistive Load.
VDD = 5.0V.
FIGURE 2-86:
VOUT Accuracy vs. VDD and
Temperature.
FIGURE 2-87:
VOUT vs. Source/Sink
Current. VDD = 3.0V.
FIGURE 2-88:
VOUT vs. Resistive Load.
VDD = 3.0V.
FIGURE 2-89:
RVREF Resistances vs. VDD
and Temperature.
0
1
2
3
4
5
0
1000
2000
3000
4000
5000
Load Resistance (RL) ( )
Code = FFFh
2.0
1.5
1.0
0.5
0.0
0.5
1.0
1.5
2.0
40
20
0
20
40
60
80
100
120
Temperature (°C)
VOUT @ 5.5V
VOUT @ 3.3V
VOUT @ 2.7V
0
0.5
1
1.5
2
2.5
3
0369
12
15
ISOURCE/SINK (mA)
Code = FFFh
Code = 000h
0
0.5
1
1.5
2
2.5
3
0
1000
2000
3000
4000
5000
Load Resistance (RL) ( )
Code = FFFh
31000
31200
31400
31600
31800
32000
40
20
0
20
40
60
80
100
120
Temperature (°C)
IDD @ 5.5V
IDD @ 3.3V
IDD @ 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com