Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47DA1 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP47DA1
Description  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 25Page - Microchip Technology MCP47DA1 Datasheet HTML 26Page - Microchip Technology MCP47DA1 Datasheet HTML 27Page - Microchip Technology MCP47DA1 Datasheet HTML 28Page - Microchip Technology MCP47DA1 Datasheet HTML 29Page - Microchip Technology MCP47DA1 Datasheet HTML 30Page - Microchip Technology MCP47DA1 Datasheet HTML 31Page - Microchip Technology MCP47DA1 Datasheet HTML 32Page - Microchip Technology MCP47DA1 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
 2012-2013 Microchip Technology Inc.
DS25118D-page 29
MCP47DA1
4.0
GENERAL OVERVIEW
The MCP47DA1 device is a general purpose DAC
intended to be used in applications where a program-
mable voltage output with moderate bandwidth is
desired.
Applications generally suited for the MCP47DA1
devices include:
• Computer servers
• Set point or offset trimming
• Sensor calibration
• Cost-sensitive mechanical trim pot replacement
The MCP47DA1 has four main functional blocks.
These are:
• POR/BOR Operation
• Serial Interface – I2C Module
• Resistor Network
• Output Buffer
The POR/BOR operation is discussed in this section
and the I2C and Resistor Network operation are
described in their own sections. The commands are
discussed in Section 5.3, Serial Commands.
Figure 4-1 shows a block diagram for the resistive
network of the device. An external pin, called VREF, is
the DAC’s reference voltage. The resistance from the
VREF pin to ground is typically 30 k. The reference
voltage connected to the VREF pin needs to support this
resistive load.
This resistor network functions as a windowed voltage
divider. This means that the VOUT pin’s voltage range is
from approximately 1/3 * VREF to approximately 2/3 *
VREF. This windowed range is determined by the 10 k
resistors (R1 and R2) that window the 10 k digital
potentiometer (see Figure 4-1).
FIGURE 4-1:
Resistor Network and
Output Buffer Block Diagram.
RFS
A
RS
RS
RS
B
RW (1)
W
Analog Switch MUX
Note 1: The wiper resistance is tap dependent.
That is, each tap selection resistance
has a small variation.
RW (1)
RW (1)
RW (1)
RZS
2: The RFS and RZS resistances are
determined by the analog switches that
connect the resistor network to the other
circuitry.
VREF
R1
R2
Goes to Output
Buffer’s input
Op Amp
-
+
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com