Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C671 Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC12C671
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C671 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC12C671 Datasheet HTML 18Page - Microchip Technology PIC12C671 Datasheet HTML 19Page - Microchip Technology PIC12C671 Datasheet HTML 20Page - Microchip Technology PIC12C671 Datasheet HTML 21Page - Microchip Technology PIC12C671 Datasheet HTML 22Page - Microchip Technology PIC12C671 Datasheet HTML 23Page - Microchip Technology PIC12C671 Datasheet HTML 24Page - Microchip Technology PIC12C671 Datasheet HTML 25Page - Microchip Technology PIC12C671 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 130 page
background image
PIC12C67X
DS30561C-page 22
 1997-2013 Microchip Technology Inc.
4.3
PCL and PCLATH
The Program Counter (PC) is 13-bits wide. The low
byte comes from the PCL Register, which is a readable
and writable register. The high byte (PC<12:8>) is not
directly readable or writable and comes from PCLATH.
On any reset, the PC is cleared. Figure 4-3 shows the
two situations for the loading of the PC. The upper
example in the figure shows how the PC is loaded on a
write to PCL (PCLATH<4:0>
 PCH). The lower exam-
ple in the figure shows how the PC is loaded during a
CALL
or GOTO instruction (PCLATH<4:3>
 PCH).
FIGURE 4-3:
LOADING OF PC IN
DIFFERENT SITUATIONS
4.3.1
COMPUTED GOTO
A Computed GOTO is accomplished by adding an off-
set to the program counter (ADDWF PCL). When doing
a table read using a computed GOTO method, care
should be exercised if the table location crosses a PCL
memory boundary (each 256 byte block). Refer to the
application note
“Implementing a Table Read" (AN556).
PC
12
8
7
0
5
PCLATH<4:0>
PCLATH
Instruction with
ALU result
GOTO, CALL
Opcode <10:0>
8
PC
12
11 10
0
11
PCLATH<4:3>
PCH
PCL
87
2
PCLATH
PCH
PCL
PCL as
Destination
4.3.2
STACK
The PIC12C67X family has an 8-level deep x 13-bit
wide hardware stack. The stack space is not part of
either program or data space and the stack pointer is
not readable or writable. The PC is PUSHed onto the
stack when a CALL instruction is executed or an inter-
rupt causes a branch. The stack is POPed in the event
of a RETURN, RETLW or a RETFIE instruction execu-
tion. PCLATH is not affected by a PUSH or POP oper-
ation.
The stack operates as a circular buffer. This means that
after the stack has been PUSHed eight times, the ninth
push overwrites the value that was stored from the first
push. The tenth push overwrites the second push (and
so on).
4.4
Program Memory Paging
The
PIC12C67X
ignores
both
paging
bits
PCLATH<4:3>, which are used to access program
memory when more than one page is available. The
use of PCLATH<4:3> as general purpose read/write
bits for the PIC12C67X is not recommended since this
may affect upward compatibility with future products.
Note 1: There are no status bits to indicate stack
overflow or stack underflow conditions.
2: There are no instructions/mnemonics
called PUSH or POP. These are actions
that occur from the execution of the
CALL, RETURN, RETLW,
and RETFIE
instructions, or the vectoring to an inter-
rupt address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com