Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C671 Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC12C671
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C671 Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC12C671 Datasheet HTML 68Page - Microchip Technology PIC12C671 Datasheet HTML 69Page - Microchip Technology PIC12C671 Datasheet HTML 70Page - Microchip Technology PIC12C671 Datasheet HTML 71Page - Microchip Technology PIC12C671 Datasheet HTML 72Page - Microchip Technology PIC12C671 Datasheet HTML 73Page - Microchip Technology PIC12C671 Datasheet HTML 74Page - Microchip Technology PIC12C671 Datasheet HTML 75Page - Microchip Technology PIC12C671 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 130 page
background image
PIC12C67X
DS30561C-page 72
 1997-2013 Microchip Technology Inc.
10.2
Instruction Descriptions
ADDLW
Add Literal and W
Syntax:
[
label ] ADDLW
k
Operands:
0
 k  255
Operation:
(W) + k
 (W)
Status Affected:
C, DC, Z
Encoding:
11
111x
kkkk
kkkk
Description:
The contents of the W register are
added to the eight bit literal 'k' and
the result is placed in the W regis-
ter.
Words:
1
Cycles:
1
Example
ADDLW
0x15
Before Instruction
W
=
0x10
After Instruction
W
=
0x25
ADDWF
Add W and f
Syntax:
[
label ] ADDWF
f,d
Operands:
0
 f  127
d

Operation:
(W) + (f)
 (dest)
Status Affected:
C, DC, Z
Encoding:
00
0111
dfff
ffff
Description:
Add the contents of the W register
with register 'f'. If 'd' is 0, the result
is stored in the W register. If 'd' is
1, the result is stored back in reg-
ister 'f'.
Words:
1
Cycles:
1
Example
ADDWF
FSR,
0
Before Instruction
W
=
0x17
FSR =
0xC2
After Instruction
W=
0xD9
FSR =
0xC2
ANDLW
And Literal with W
Syntax:
[
label ] ANDLW
k
Operands:
0
 k  255
Operation:
(W) .AND. (k)
 (W)
Status Affected:
Z
Encoding:
11
1001
kkkk
kkkk
Description:
The contents of W register are
AND’ed with the eight bit literal 'k'.
The result is placed in the W reg-
ister.
Words:
1
Cycles:
1
Example
ANDLW
0x5F
Before Instruction
W=
0xA3
After Instruction
W
=
0x03
ANDWF
AND W with f
Syntax:
[
label ] ANDWF
f,d
Operands:
0
 f  127
d

Operation:
(W) .AND. (f)
 (dest)
Status Affected:
Z
Encoding:
00
0101
dfff
ffff
Description:
AND the W register with register
'f'. If 'd' is 0, the result is stored in
the W register. If 'd' is 1, the result
is stored back in register 'f'.
Words:
1
Cycles:
1
Example
ANDWF
FSR,
1
Before Instruction
W
=
0x17
FSR =
0xC2
After Instruction
W
=
0x17
FSR =
0x02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com