Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F737 Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16F737
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F737 Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16F737 Datasheet HTML 63Page - Microchip Technology PIC16F737 Datasheet HTML 64Page - Microchip Technology PIC16F737 Datasheet HTML 65Page - Microchip Technology PIC16F737 Datasheet HTML 66Page - Microchip Technology PIC16F737 Datasheet HTML 67Page - Microchip Technology PIC16F737 Datasheet HTML 68Page - Microchip Technology PIC16F737 Datasheet HTML 69Page - Microchip Technology PIC16F737 Datasheet HTML 70Page - Microchip Technology PIC16F737 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 280 page
background image
 2003-2013 Microchip Technology Inc.
DS30498D-page 67
PIC16F7X7
5.4
PORTD and TRISD Registers
This section is not applicable to the PIC16F737 or
PIC16F767.
PORTD is an 8-bit port with Schmitt Trigger input
buffers. Each pin is individually configureable as an
input or output.
PORTD can be configured as an 8-bit wide micro-
processor port (Parallel Slave Port) by setting control
bit, PSPMODE (TRISE<4>). In this mode, the input
buffers are TTL.
FIGURE 5-18:
PORTD BLOCK DIAGRAM
(IN I/O PORT MODE)
TABLE 5-7:
PORTD FUNCTIONS
TABLE 5-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Data Bus
WR Port
WR TRIS
RD Port
Data Latch
TRIS Latch
RD TRIS
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Note 1: I/O pins have protection diodes to VDD and VSS.
Q
D
CK
Q
D
CK
EN
QD
EN
Name
Bit#
Buffer Type
Function
RD0/PSP0
bit 0
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 0.
RD1/PSP1
bit 1
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 1.
RD2/PSP2
bit 2
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 2.
RD3/PSP3
bit 3
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 3.
RD4/PSP4
bit 4
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 4.
RD5/PSP5
bit 5
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 5.
RD6/PSP6
bit 6
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 6.
RD7/PSP7
bit 7
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 7.
Legend: ST = Schmitt Trigger input, TTL = TTL input
Note 1:
Input buffers are Schmitt Triggers when in I/O mode and TTL buffers when in Parallel Slave Port mode.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
08h
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
uuuu uuuu
88h
TRISD
PORTD Data Direction Register
1111 1111
1111 1111
89h
TRISE
IBF
OBF
IBOV
PSPMODE
—(1)
PORTE Data Direction bits
0000 1111
0000 1111
Legend:
x
= unknown, u = unchanged, — = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.
Note
1:
RE3 is an input only. The state of the TRISE3 bit has no effect and will always read ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com