Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F737 Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC16F737
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F737 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC16F737 Datasheet HTML 11Page - Microchip Technology PIC16F737 Datasheet HTML 12Page - Microchip Technology PIC16F737 Datasheet HTML 13Page - Microchip Technology PIC16F737 Datasheet HTML 14Page - Microchip Technology PIC16F737 Datasheet HTML 15Page - Microchip Technology PIC16F737 Datasheet HTML 16Page - Microchip Technology PIC16F737 Datasheet HTML 17Page - Microchip Technology PIC16F737 Datasheet HTML 18Page - Microchip Technology PIC16F737 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 280 page
background image
 2003-2013 Microchip Technology Inc.
DS30498D-page 15
PIC16F7X7
2.0
MEMORY ORGANIZATION
There are two memory blocks in each of these PIC®
MCUs. The program memory and data memory have
separate buses so that concurrent access can occur
and is detailed in this section. The program memory
can be read internally by user code (see Section 3.0
“Reading Program Memory”).
Additional information on device memory may be found
in the “PIC® Mid-Range MCU Family Reference Man-
ual” (DS33023).
2.1
Program Memory Organization
The PIC16F7X7 devices have a 13-bit program counter
capable of addressing an 8K word x 14-bit program
memory space. The PIC16F767/777 devices have
8K words
of
Flash
program
memory
and
the
PIC16F737/747 devices have 4K words. The program
memory maps for PIC16F7X7 devices are shown in
Figure 2-1. Accessing a location above the physically
implemented address will cause a wraparound.
The Reset vector is at 0000h and the interrupt vector is
at 0004h.
2.2
Data Memory Organization
The data memory is partitioned into multiple banks
which contain the General Purpose Registers and the
Special Function Registers. Bits RP1 (Status<6>) and
RP0 (Status<5>) are the bank select bits:
Each bank extends up to 7Fh (128 bytes). The lower
locations of each bank are reserved for the Special
Function Registers. Above the Special Function Regis-
ters are General Purpose Registers, implemented as
static RAM. All implemented banks contain Special
Function Registers. Some frequently used Special
Function Registers from one bank may be mirrored in
another bank for code reduction and quicker access.
2.2.1
GENERAL PURPOSE
REGISTER FILE
The register file (shown in Figure 2-2 and Figure 2-3)
can be accessed either directly, or indirectly, through
the File Select Register (FSR).
FIGURE 2-1:
PROGRAM MEMORY MAPS AND STACKS FOR PIC16F7X7 DEVICES
RP1:RP0
Bank
00
0
01
1
10
2
11
3
PC<12:0>
13
0000h
0004h
0005h
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-Chip
CALL, RETURN
RETFIE, RETLW
1FFFh
Stack Level 2
Program
Memory
Page 0
0FFFh
1000h
07FFh
0800h
Page 1
17FFh
1800h
Page2
Page 3
Memory available on all
PIC16F7X7.
Memory available on PIC16F767
and PIC16F777. The memory
wraps to 000h through 0FFFh on
the PIC16F737 and PIC16F747.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com