Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-256ZE-3UMG64C Datasheet(PDF) 38 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-3UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-3UMG64C Datasheet(HTML) 38 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-3UMG64C Datasheet HTML 34Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 35Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 36Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 37Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 38Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 39Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 40Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 41Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 42Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 106 page
background image
2-34
Architecture
MachXO2 Family Data Sheet
Configuration and Testing
This section describes the configuration and testing features of the MachXO2 family.
IEEE 1149.1-Compliant Boundary Scan Testability
All MachXO2 devices have boundary scan cells that are accessed through an IEEE 1149.1 compliant test access
port (TAP). This allows functional testing of the circuit board, on which the device is mounted, through a serial scan
path that can access all critical logic nodes. Internal registers are linked internally, allowing test data to be shifted in
and loaded directly onto test nodes, or test data to be captured and shifted out for verification. The test access port
consists of dedicated I/Os: TDI, TDO, TCK and TMS. The test access port shares its power supply with VCCIO
Bank 0 and can operate with LVCMOS3.3, 2.5, 1.8, 1.5, and 1.2 standards.
For more details on boundary scan test, see AN8066, Boundary Scan Testability with Lattice sysIO Capability and
TN1087, Minimizing System Interruption During Configuration Using TransFR Technology.
Device Configuration
All MachXO2 devices contain two ports that can be used for device configuration. The Test Access Port (TAP),
which supports bit-wide configuration and the sysCONFIG port which supports serial configuration through I
2C or
SPI. The TAP supports both the IEEE Standard 1149.1 Boundary Scan specification and the IEEE Standard 1532
In-System Configuration specification. There are various ways to configure a MachXO2 device:
1.
Internal Flash Download
2.
JTAG
3.
Standard Serial Peripheral Interface (Master SPI mode) – interface to boot PROM memory
4.
System microprocessor to drive a serial slave SPI port (SSPI mode)
5.
Standard I
2C Interface to system microprocessor
Upon power-up, the configuration SRAM is ready to be configured using the selected sysCONFIG port. Once a
configuration port is selected, it will remain active throughout that configuration cycle. The IEEE 1149.1 port can be
activated any time after power-up by sending the appropriate command through the TAP port. Optionally the de-
vice can run a CRC check upon entering the user mode. This will ensure that the device was configured correctly.
The sysCONFIG port has 10 dual-function pins which can be used as general purpose I/Os if they are not required
for configuration. See TN1204, MachXO2 Programming and Configuration Usage Guide for more information
about using the dual-use pins as general purpose I/Os.
Lattice design software uses proprietary compression technology to compress bit-streams for use in MachXO2
devices. Use of this technology allows Lattice to provide a lower cost solution. In the unlikely event that this technol-
ogy is unable to compress bitstreams to fit into the amount of on-chip Flash memory, there are a variety of tech-
niques that can be utilized to allow the bitstream to fit in the on-chip Flash memory. For more details, refer to
TN1204, MachXO2 Programming and Configuration Usage Guide.
The Test Access Port (TAP) has five dual purpose pins (TDI, TDO, TMS and TCK). These pins are dual function
pins - TDI, TDO, TMS and TCK can be used as general purpose I/O if desired. For more details, refer to TN1204,
MachXO2 Programming and Configuration Usage Guide.
TransFR (Transparent Field Reconfiguration)
TransFR is a unique Lattice technology that allows users to update their logic in the field without interrupting sys-
tem operation using a simple push-button solution. For more details refer to TN1087, Minimizing System Interrup-
tion During Configuration Using TransFR Technology for details.
Security and One-Time Programmable Mode (OTP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com