Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-256ZE-3UMG64C Datasheet(PDF) 95 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-3UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-3UMG64C Datasheet(HTML) 95 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-3UMG64C Datasheet HTML 91Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 92Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 93Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 94Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 95Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 96Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 97Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 98Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 99Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 106 page
background image
5-11
Ordering Information
MachXO2 Family Data Sheet
Part Number
LUTs
Supply Voltage
Grade
Package
Leads
Temp.
LCMXO2-1200ZE-1UWG25ITR
1
1280
1.2V
-1
Halogen-Free WLCSP
25
IND
LCMXO2-1200ZE-1UWG25ITR50
2
1280
1.2V
-1
Halogen-Free WLCSP
25
IND
LCMXO2-1200ZE-1TG100I
1280
1.2V
-1
Halogen-Free TQFP
100
IND
LCMXO2-1200ZE-2TG100I
1280
1.2V
-2
Halogen-Free TQFP
100
IND
LCMXO2-1200ZE-3TG100I
1280
1.2V
-3
Halogen-Free TQFP
100
IND
LCMXO2-1200ZE-1MG132I
1280
1.2V
-1
Halogen-Free csBGA
132
IND
LCMXO2-1200ZE-2MG132I
1280
1.2V
-2
Halogen-Free csBGA
132
IND
LCMXO2-1200ZE-3MG132I
1280
1.2V
-3
Halogen-Free csBGA
132
IND
LCMXO2-1200ZE-1TG144I
1280
1.2V
-1
Halogen-Free TQFP
144
IND
LCMXO2-1200ZE-2TG144I
1280
1.2V
-2
Halogen-Free TQFP
144
IND
LCMXO2-1200ZE-3TG144I
1280
1.2V
-3
Halogen-Free TQFP
144
IND
1. This part number has a tape and reel quantity of 5,000 units with a minimum order quantity of 10,000 units. Order quantities must be in
increments of 10,000 units. For example, a 10,000 unit order will be shipped in two reels with one reel containing 5,000 units and the other
reel with less than 5,000 units (depending on test yields). Unserviced backlog will be canceled.
2. This part number has a tape and reel quantity of 50 units with a minimum order quantity of 50. Order quantities must be in increments of 50
units. For example, a 1000 unit order will be shipped as 20 reels of 50 units each.
Part Number
LUTs
Supply Voltage
Grade
Package
Leads
Temp.
LCMXO2-2000ZE-1TG100I
2112
1.2V
-1
Halogen-Free TQFP
100
IND
LCMXO2-2000ZE-2TG100I
2112
1.2V
-2
Halogen-Free TQFP
100
IND
LCMXO2-2000ZE-3TG100I
2112
1.2V
-3
Halogen-Free TQFP
100
IND
LCMXO2-2000ZE-1MG132I
2112
1.2V
-1
Halogen-Free csBGA
132
IND
LCMXO2-2000ZE-2MG132I
2112
1.2V
-2
Halogen-Free csBGA
132
IND
LCMXO2-2000ZE-3MG132I
2112
1.2V
-3
Halogen-Free csBGA
132
IND
LCMXO2-2000ZE-1TG144I
2112
1.2V
-1
Halogen-Free TQFP
144
IND
LCMXO2-2000ZE-2TG144I
2112
1.2V
-2
Halogen-Free TQFP
144
IND
LCMXO2-2000ZE-3TG144I
2112
1.2V
-3
Halogen-Free TQFP
144
IND
LCMXO2-2000ZE-1BG256I
2112
1.2V
-1
Halogen-Free caBGA
256
IND
LCMXO2-2000ZE-2BG256I
2112
1.2V
-2
Halogen-Free caBGA
256
IND
LCMXO2-2000ZE-3BG256I
2112
1.2V
-3
Halogen-Free caBGA
256
IND
LCMXO2-2000ZE-1FTG256I
2112
1.2V
-1
Halogen-Free ftBGA
256
IND
LCMXO2-2000ZE-2FTG256I
2112
1.2V
-2
Halogen-Free ftBGA
256
IND
LCMXO2-2000ZE-3FTG256I
2112
1.2V
-3
Halogen-Free ftBGA
256
IND
1. Samples can be ordered in minimum order quantities and increments of 50 units. Production volumes can be ordered in minimum order
quantities and increments of 10,000 units for the LCMXO2-1200ZE in the 25-ball WLCSP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com