Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCMXO2-256ZE-3UMG64C Datasheet(PDF) 105 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-3UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-3UMG64C Datasheet(HTML) 105 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-3UMG64C Datasheet HTML 98Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 99Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 100Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 101Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 102Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 103Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 104Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 105Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 106Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 105 / 106 page
background image
7-2
Revision History
MachXO2 Family Data Sheet
August 2011
01.4
Architecture
Updated information in Clock/Control Distribution Network and sys-
CLOCK Phase Locked Loops (PLLs).
DC and Switching
Characteristics
Updated IIL and IIH conditions in the DC Electrical Characteristics table.
Pinout Information
Included number of 7:1 and 8:1 gearboxes (input and output) in the pin
information summary tables.
Updated Pin Information Summary table: Dual Function I/O, DQS
Groups Bank 1, Total General Purpose Single-Ended I/O, Differential
I/O Per Bank, Total Count of Bonded Pins, Gearboxes.
Added column of data for MachXO2-2000 49 WLCSP.
Ordering Information
Updated R1 Device Specifications text section with information on
migration from MachXO2-1200-R1 to Standard (non-R1) devices.
Corrected Supply Voltage typo for part numbers: LCMX02-2000UHE-
4FG484I, LCMX02-2000UHE-5FG484I, LCMX02-2000UHE-6FG484I.
Added footnote for WLCSP package parts.
Supplemental
Information
Removed reference to Stand-alone Power Calculator for MachXO2
Devices. Added reference to AN8086, Designing for Migration from
MachXO2-1200-R1 to Standard (non-R1) Devices.
August 2011
01.5
DC and Switching
Characteristics
Updated ESD information.
Ordering Information
Updated footnote for ordering WLCSP devices.
February 2012
01.6
—
Data sheet status changed from preliminary to final.
Introduction
MachXO2 Family Selection Guide table – Removed references to
49-ball WLCSP.
DC and Switching
Characteristics
Updated Flash Download Time table.
Modified Storage Temperature in the Absolute Maximum Ratings sec-
tion.
Updated IDK max in Hot Socket Specifications table.
Modified Static Supply Current tables for ZE and HC/HE devices.
Updated Power Supply Ramp Rates table.
Updated Programming and Erase Supply Current tables.
Updated data in the External Switching Characteristics table.
Corrected Absolute Maximum Ratings for Dedicated Input Voltage
Applied for LCMXO2 HC.
DC Electrical Characteristics table – Minor corrections to conditions for
IIL, IIH.
Pinout Information
Removed references to 49-ball WLCSP.
Signal Descriptions table – Updated description for GND, VCC, and
VCCIOx.
Updated Pin Information Summary table – Number of VCCIOs, GNDs,
VCCs, and Total Count of Bonded Pins for MachXO2-256, 640, and
640U and Dual Function I/O for MachXO2-4000 332caBGA.
Ordering Information
Removed references to 49-ball WLCSP
February 2012
01.7
All
Updated document with new corporate logo.
March 2012
01.8
Introduction
Added 32 QFN packaging information to Features bullets and MachXO2
Family Selection Guide table.
DC and Switching
Characteristics
Changed ‘STANDBY’ to ‘USERSTDBY’ in Standby Mode timing dia-
gram.
Pinout Information
Removed footnote from Pin Information Summary tables.
Date
Version
Section
Change Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com