Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1525T-I/TT Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1525T-I/TT
Description  2.5V and 4.096V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1525T-I/TT Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1525T-I/TT Datasheet HTML 4Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 5Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 6Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 7Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 8Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 9Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 10Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 11Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MCP1525/41
DS21653C-page 8
 2001-2012 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE.
3.1
Input Voltage (VIN)
VIN functions as the positive power supply input (or
operating input). An optional 0.1 µF ceramic capacitor
can be placed at this pin if the input voltage is too noisy;
it needs to be within 5 mm of this pin. The input voltage
needs to be at least 0.2V higher than the output voltage
for normal operation.
3.2
Output Voltage (VOUT)
VOUT is an accurate reference voltage output. It can
source and sink small currents, and has a low output
impedance. A load capacitor between 1 µF and 10 µF
needs to be located within 5 mm of this pin.
3.3
Ground (VSS)
Normally connected directly to ground. It can be placed
at another voltage as long as all of the voltages shift
with it, and proper bypassing is observed.
MCP1525, MCP1541
(TO-92-3)
MCP1525, MCP1541
(SOT-23-3)
Symbol
Description
31
VIN
Input Voltage (or Positive Power Supply)
22
VOUT
Output Voltage (or Reference Voltage)
13
VSS
Ground (or Negative Power Supply)
21653C.book Page 8 Thursday, January 10, 2013 12:55 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com