Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1525T-I/TT Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1525T-I/TT
Description  2.5V and 4.096V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1525T-I/TT Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1525T-I/TT Datasheet HTML 12Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 13Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 14Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 15Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 16Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 17Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 18Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 19Page - Microchip Technology MCP1525T-I/TT Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21653C-page 17
MCP1525/41
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MCP1525:
= 2.5V Voltage Reference
MCP1541:
= 4.096 Voltage Reference
Temperature Range
I
=
-40
C to +85C
Package
TO = TO-92, Plastic Transistor Outline, 3-Lead
TT
= SOT23, Plastic Small Outline Transistor, 3-Lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP1525T-I/TT:
Tape and Reel,
Industrial Temperature,
SOT23 package.
b)
MCP1525-I/TO:
Industrial Temperature,
TO-92 package.
c)
MCP1541T-I/TT:
Tape and Reel,
Industrial Temperature,
SOT23 package.
d)
MCP1541-I/TO:
Industrial Temperature,
TO-92 package.
21653C.book Page 17 Thursday, January 10, 2013 12:55 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com