Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1601 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1601
Description  500 mA Synchronous BUCK Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1601 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1601_13 Datasheet HTML 1Page - Microchip Technology MCP1601_13 Datasheet HTML 2Page - Microchip Technology MCP1601_13 Datasheet HTML 3Page - Microchip Technology MCP1601_13 Datasheet HTML 4Page - Microchip Technology MCP1601_13 Datasheet HTML 5Page - Microchip Technology MCP1601_13 Datasheet HTML 6Page - Microchip Technology MCP1601_13 Datasheet HTML 7Page - Microchip Technology MCP1601_13 Datasheet HTML 8Page - Microchip Technology MCP1601_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2003-2013 Microchip Technology Inc.
DS21762B-page 1
MCP1601
Features
• Input Range of 2.7V to 5.5V
• 3 Operating Modes: PWM, PFM and LDO
• Integrated BUCK and Synchronous Switches
• Ceramic or Electrolytic Input/Output Filtering
Capacitors
• 750 kHz Fixed Switching Frequency
• Oscillator Synchronization to 1 MHz PWM Mode
• Auto-Switching from PWM/PFM Operation
• 100% Duty Cycle Capable for Low Input Voltage
• 500 mA Continuous Output Current Capability
• Integrated Under-Voltage Lock-Out Protection
• Integrated Over-Temperature Protection
• Integrated Soft Start Circuitry
• Low Output Voltage Capability to 0.9V
• Temperature Range: -40°C to +85ºC
• Small 8-Pin MSOP Package
Applications
• Low Power Handheld CPUs and DSPs
• Cellular Phones
• Organizers and PDAs
•Digital Cameras
• +5V or +3.3V Distributed Voltages
• USB Powered Devices
Package Type
Description
The MCP1601 is a fully integrated synchronous BUCK
(step down) DC/DC converter for battery powered sys-
tems. With an input operating range of 2.7V to 5.5V, the
MCP1601 is ideal for applications being powered by
one single cell Li-Ion, 2 to 3 cell NiMH, NiCd or alkaline
sources. Output voltages can range from 0.9V to VIN to
accommodate a wide range of applications. Efficiency
can exceed 92% while operating at 750 kHz with load
current capability up to 500 mA. The MCP1601 is used
to minimize space, cost and wasted energy.
The PWM mode switching frequency is internally set to
a fixed 750 kHz allowing the use of low profile, surface
mount
inductors
and
ceramic
capacitors
while
maintaining a typical efficiency of 92%.
The MCP1601 is capable of three distinct operating
modes: PWM, PFM and Low Drop Out.
When operating in PWM (pulse width modulation)
mode, the DC/DC converter switches at a single high
frequency determined by either the internal 750 kHz
oscillator or external synchronization frequency.
For applications that operate at very light to no load for
extended periods of time, the MCP1601 is capable of
operating in PFM (pulse frequency modulation mode)
to reduce the number of switching cycles/sec and
consume less energy.
The third mode of operation (LDO mode) occurs when
the input voltage approaches the output voltage and the
BUCK duty cycle approaches 100%. The MCP1601 will
enter a low drop out mode and the high-side P-Channel
BUCK switch will saturate, providing the output with the
maximum voltage possible.
The MCP1601 has integrated over-current protection,
over-temperature protection and UVLO (Under Voltage
Lockout) to provide for a fail safe solution with no
external components.
The MCP1601 is available in the 8-pin MSOP package,
with an operating temperature range of -40°C to +85°C.
8-Pin MSOP
VIN
SHDN
FB
AGND
LX
PGND
VOUT
SYNC/PWM
1
2
3
4
8
7
6
5
MCP1601
500 mA Synchronous BUCK Regulator


Similar Part No. - MCP1601_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
500 mA Synchronous BUCK Regulator
2003
More results

Similar Description - MCP1601_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
500 mA Synchronous BUCK Regulator
2003
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
36V, 3A 500 kHz Synchronous Buck Regulator
logo
Microchip Technology
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com