Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1601 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1601
Description  500 mA Synchronous BUCK Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1601 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1601_13 Datasheet HTML 12Page - Microchip Technology MCP1601_13 Datasheet HTML 13Page - Microchip Technology MCP1601_13 Datasheet HTML 14Page - Microchip Technology MCP1601_13 Datasheet HTML 15Page - Microchip Technology MCP1601_13 Datasheet HTML 16Page - Microchip Technology MCP1601_13 Datasheet HTML 17Page - Microchip Technology MCP1601_13 Datasheet HTML 18Page - Microchip Technology MCP1601_13 Datasheet HTML 19Page - Microchip Technology MCP1601_13 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MCP1601
DS21762B-page 16
 2003-2013 Microchip Technology Inc.
FIGURE 5-3:
Top Layer.
The top layer of the board layout is shown in
Figure 5-3. The power conversion process is made up
of two types of circuits. One circuit carries changing
large signals (current, voltage), like CIN, COUT, L and
the VIN, LX PGND pins of the MCP1601. The other cir-
cuitry is much smaller in signal and is used to sense,
regulate and control the high-power circuitry. These
components are R1, R2, C1 and pins FB, AGND. The top
layer is partitioned so that the larger signal connections
are short and wide, while the smaller signals are routed
away from the large signals.
The MCP1601 utilizes two ground pins to separate the
large signal ground current from the small signal circuit
ground. The large signal (“Power Ground”) is labeled
“PGND”. The small signal is labeled “Analog Ground” or
“AGND”. In Figure 5-3, the PGND and the AGND are kept
separate on the top layer.
FIGURE 5-4:
Bottom Layer.
In Figure 5-4, the bottom layer is a partitioned ground
plane that connects AGND to PGND near the input
capacitor. The large signal current will circulate on the
top PGND partition. The lower partition is used for a
“quiet” ground, where AGND is connected.
MCP1601
P
GND
A
GND
P
GND
A
GND
BOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com