Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP14700-E/MF Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP14700-E/MF
Description  Dual Input Synchronous MOSFET Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14700-E/MF Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP14700-E/MF Datasheet HTML 20Page - Microchip Technology MCP14700-E/MF Datasheet HTML 21Page - Microchip Technology MCP14700-E/MF Datasheet HTML 22Page - Microchip Technology MCP14700-E/MF Datasheet HTML 23Page - Microchip Technology MCP14700-E/MF Datasheet HTML 24Page - Microchip Technology MCP14700-E/MF Datasheet HTML 25Page - Microchip Technology MCP14700-E/MF Datasheet HTML 26Page - Microchip Technology MCP14700-E/MF Datasheet HTML 27Page - Microchip Technology MCP14700-E/MF Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2009-2013 Microchip Technology Inc.
DS22201B-page 25
MCP14700
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP14700:
Dual Input Synchronous MOSFET Driver
MCP14700T:
Dual Input Synchronous MOSFET Driver -
Tape and Reel (DFN and SOIC)
Temperature
Range:
E= -40
C to +125C (Extended)
Package:
MF = Plastic Dual Flat, No Lead (3x3 DFN), 8-lead
SN = Plastic Small Outline, (3.90 mm), 8-lead
Examples:
a)
MCP14700-E/MF: Extended Temperature,
8LD DFN package.
b)
MCP14700T-E/MF: Tape and Reel,
Extended Temperature,
8LD DFN package.
a)
MCP14700-E/SN: Extended Temperature,
8LD SOIC package.
b)
MCP14700T-E/SN: Tape and Reel,
Extended Temperature,
8LD SOIC package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com