| Electronic Components Datasheet Search |
|
MCP14700-E/MF Datasheet(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP14700-E/MF Datasheet(HTML) 14 Page - Microchip Technology |
|
14 / 28 page ![]() MCP14700 DS22201B-page 14 2009-2013 Microchip Technology Inc. 5.4 PCB Layout Proper PCB layout is important in a high current, fast switching circuit to provide proper device operation. Improper component placement may cause errant switching, excessive voltage ringing, or circuit latch-up. There are two important states of the MCP14700 outputs, high and low. Figure 5-1 depicts the current flow paths when the outputs of the MCP14700 are high and the power MOSFETs are turned on. The charge needed to turn on the low-side power MOSFET comes from the decoupling capacitor CVCC. The current flows from this capacitor through the internal LOWDR circuitry, into the gate of the low-side power MOSFET, out the source, into the ground plane, and back to CVCC. To reduce any excess voltage ringing or spiking, the inductance and area of this current loop must be minimized. FIGURE 5-1: Turn On Current Paths. The charge needed to turn on the high-side power MOSFET comes from the bootstrap capacitor CBOOT. Current flows from CBOOT through the internal HIGHDR circuitry, into the gate of the high-side power MOSFET, out the source and back to CBOOT. The printed circuit board traces that construct this current loop need to have a small area and low inductance. To control the inductance, short and wide traces must be used. Figure 5-2 depicts the current flow paths when the outputs of the MCP14700 are low and the power MOSFETs are turned off. These current paths should also have low inductance and a small loop area to minimize the voltage ringing and spiking. FIGURE 5-2: Turn Off Current Paths. The following recommendations should be followed for optimal circuit performance: - The components that construct the high current paths previously mentioned should be placed close the MCP14700 device. The traces used to construct these current loops should be wide and short to keep the inductance and impedance low. - A ground plane should be used to keep both the parasitic inductance and impedance minimized. The MCP14700 device is capable of sourcing and sinking high peaks current and any extra parasitic inductance or impedance will result in non-optimal performance. VCC PWMHI CVCC CBOOT VSUPPLY MCP14700 PWMLO VCC PWMHI CVCC CBOOT VSUPPLY MCP14700 PWMLO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |