Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD5447EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # EVAL-AD5447EBZ
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5447EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button EVAL-AD5447EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD5428/AD5440/AD5447
Rev. C | Page 19 of 32
SINGLE-SUPPLY APPLICATIONS
Voltage-Switching Mode
Figure 40 shows the DACs operating in voltage-switching
mode. The reference voltage, VIN, is applied to the IOUTA pin,
and the output voltage is available at the VREFA terminal. In this
configuration, a positive reference voltage results in a positive
output voltage, making single-supply operation possible. The
output from the DAC is voltage at constant impedance (the
DAC ladder resistance). Therefore, an op amp is necessary to
buffer the output voltage. The reference input no longer sees
constant input impedance, but one that varies with code.
Therefore, the voltage input should be driven from a low
impedance source.
Note that VIN is limited to low voltages because the switches in
the DAC ladder no longer have the same source-drain drive
voltage. As a result, their on resistance differs and degrades the
integral linearity of the DAC. Also, VIN must not go negative by
more than 0.3 V, or an internal diode turns on, causing the
device to exceed the maximum ratings. In this type of
application, the full range of multiplying capability of the DAC
is lost.
NOTES
1. ADDITIONAL PINS OMITTED FOR CLARITY.
2. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
VDD
VIN
VREFA
VDD
RFBA
GND
VOUT
IOUTA
AGND
R1
R2
Figure 40. Single-Supply Voltage-Switching Mode
Positive Output Voltage
The output voltage polarity is opposite to the VREF polarity for
dc reference voltages. To achieve a positive voltage output, an
applied negative reference to the input of the DAC is preferred
over the output inversion through an inverting amplifier
because of the resistor’s tolerance errors. To generate a negative
reference, the reference can be level-shifted by an op amp such
that the VOUT and GND pins of the reference become the virtual
ground and –2.5 V, respectively, as shown in Figure 41.
NOTES
1. ADDITIONAL PINS OMITTED FOR CLARITY.
2. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
VDD = 5V
VDD
C1
VIN
VREFA
RFBA
8-/10-/12-BIT
DAC
ADR03
GND
GND
VOUT
VOUT =
0V to 2.5V
IOUTA
AGND
+5V
–5V
–2.5V
Figure 41. Positive Voltage Output with Minimum Components
ADDING GAIN
In applications where the output voltage must be greater than
VIN, gain can be added with an additional external amplifier, or
it can be achieved in a single stage. Consider the effect of temper-
ature coefficients of the thin film resistors of the DAC. Simply
placing a resistor in series with the RFB resistor causes mismatches
in the temperature coefficients, resulting in larger gain temper-
ature coefficient errors. Instead, the circuit in Figure 42 shows
the recommended method for increasing the gain of the circuit.
R1, R2, and R3 should have similar temperature coefficients,
but they need not match the temperature coefficients of the
DAC. This approach is recommended in circuits where gains of
greater than 1 are required.
NOTES
1. ADDITIONAL PINS OMITTED FOR CLARITY.
2. C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
VDD
VDD
C1
VIN
VREFA
RFBA
R1
R3
R2
8-/10-/12-BIT
DAC
GND
VOUT
IOUTA
AGND
R2 + R3
R2
GAIN =
R1 =
R2R3
R2 + R3
Figure 42. Increasing Gain of Current Output DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com