Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD5447EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # EVAL-AD5447EBZ
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5447EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button EVAL-AD5447EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 24Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 25Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 26Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 27Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 28Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 29Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 30Page - Analog Devices EVAL-AD5447EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD5428/AD5440/AD5447
Rev. C | Page 27 of 32
BILL OF MATERIALS
Table 12.
Name/Position
Part Description
Value
Tolerance (%)
Stock Code
C1
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C2
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C3
Tantalum capacitor—Taj series
10 μF 20 V
10
FEC 197-427
C4
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C5
Tantalum capacitor—Taj series
10 μF 10 V
10
FEC 197-130
C6
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C7
NPO ceramic capacitor
1.8 pF
10
FEC 721-876
C8
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C9
Tantalum capacitor—Taj series
10 μF 20 V
10
FEC 197-427
C10
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C11
Tantalum capacitor—Taj series
10 μF 20 V
10
FEC 197-427
C12
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C13
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C14
Tantalum capacitor—Taj series
10 μF 20 V
10
FEC 197-427
C15
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C16
Tantalum capacitor—Taj series
10 μF 20 V
10
FEC 197-427
C17
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C18
Tantalum capacitor—Taj series
10 μF 20 V
10
FEC 197-427
C19
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C20
Tantalum capacitor—Taj series
10 μF 20 V
10
FEC 197-427
C21
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C22
NPO ceramic capacitor
1.8 pF
10
FEC 721-876
C23
Tantalum capacitor—Taj series
10 μF 20 V
10
FEC 197-427
C24
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
C25
Tantalum capacitor—Taj series
10 μF 20 V
10
FEC 197-427
C26
X7R ceramic capacitor
0.1 μF
10
FEC 499-675
CS, DB0 to DB11
Red testpoint
FEC 240-345 (Pack)
J1 to J6
SMB socket
FEC 310-682
J2
SMB socket
FEC 310-682
J3
SMB socket
FEC 310-682
J4
SMB socket
FEC 310-682
J5
SMB socket
FEC 310-682
J6
SMB socket
FEC 310-682
LK1
3-pin header (2 × 2)
FEC 511-791 and FEC 528-456
P1
36-pin Centronics connector
FEC 147-753
P2
6-pin terminal block
FEC 151-792
RW
Red testpoint
FEC 240-345 (Pack)
TP1 to TP4
Red testpoint
FEC 240-345 (Pack)
U1
AD5447
AD5447YRU
U2
ADR01
ADR01AR
U3
AD8065
AD8065AR
U4, U5
74ABT543
Fairchild 74ABT543CMTC
U6
74139
CD74HCT139M
U7
AD8065
AD8065AR
Each Corner
Rubber stick-on feet
FEC 148-922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com