Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7787EB Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-AD7787EB
Description  Low Power, 2-Channel 24-Bit Sigma-Delta ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7787EB Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-AD7787EB Datasheet HTML 2Page - Analog Devices EVAL-AD7787EB Datasheet HTML 3Page - Analog Devices EVAL-AD7787EB Datasheet HTML 4Page - Analog Devices EVAL-AD7787EB Datasheet HTML 5Page - Analog Devices EVAL-AD7787EB Datasheet HTML 6Page - Analog Devices EVAL-AD7787EB Datasheet HTML 7Page - Analog Devices EVAL-AD7787EB Datasheet HTML 8Page - Analog Devices EVAL-AD7787EB Datasheet HTML 9Page - Analog Devices EVAL-AD7787EB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7787
Data Sheet
Rev. A | Page 6 of 20
ISINK (1.6mA WITH VDD = 5V,
100
A WITH V
DD = 3V)
ISOURCE (200A WITH VDD = 5V,
100
A WITH V
DD = 3V)
1.6V
TO OUTPUT
PIN
50pF
Figure 2. Load Circuit for Timing Characterization
t2
t3
t4
t1
t6
t5
t7
CS (I)
DOUT/RDY (O)
SCLK (I)
I = INPUT, O = OUTPUT
MSB
LSB
Figure 3. Read Cycle Timing Diagram
I = INPUT, O = OUTPUT
CS (I)
SCLK (I)
DIN (I)
MSB
LSB
t8
t9
t10
t11
Figure 4. Write Cycle Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com