Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7787EB Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-AD7787EB
Description  Low Power, 2-Channel 24-Bit Sigma-Delta ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7787EB Datasheet(HTML) 1 Page - Analog Devices

  EVAL-AD7787EB Datasheet HTML 1Page - Analog Devices EVAL-AD7787EB Datasheet HTML 2Page - Analog Devices EVAL-AD7787EB Datasheet HTML 3Page - Analog Devices EVAL-AD7787EB Datasheet HTML 4Page - Analog Devices EVAL-AD7787EB Datasheet HTML 5Page - Analog Devices EVAL-AD7787EB Datasheet HTML 6Page - Analog Devices EVAL-AD7787EB Datasheet HTML 7Page - Analog Devices EVAL-AD7787EB Datasheet HTML 8Page - Analog Devices EVAL-AD7787EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Power, 2-Channel
24-Bit Sigma-Delta ADC
Data Sheet
AD7787
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Power
Supply: 2.5 V to 5.25 V operation
Normal mode: 75 µA max
Power-down mode: 1 µA max
RMS noise: 1.1 µV at 9.5 Hz update rate
19.5-bit p-p resolution (22 bits effective resolution)
Integral nonlinearity: 3.5 ppm typical
Simultaneous 50 Hz and 60 Hz rejection
Internal clock oscillator
Rail-to-rail input buffer
VDD monitor channel
Temperature range: −40°C to +105°C
10-lead MSOP
INTERFACE
3-wire serial
SPI®, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Smart transmitters
Battery applications
Portable instrumentation
Sensor measurement
Temperature measurement
Pressure measurement
Weigh scales
4 to 20 mA loops
GENERAL DESCRIPTION
The AD7787 is a low power, complete analog front end for low
frequency measurement applications. It contains a low noise
24-bit Σ-Δ ADC with one differential input and one single-
ended input that can be buffered or unbuffered.
The device operates from an internal clock. Therefore, the user
does not have to supply a clock source to the device. The output
data rate from the part is software programmable and can be
varied from 9.5 Hz to 120 Hz, with the rms noise equal to
1.1 µV at the lower update rate. The internal clock frequency
can be divided by a factor of 2, 4, or 8, which leads to a
reduction in the current consumption. The update rate, cutoff
frequency, and settling time scales with the clock frequency.
The part operates with a power supply from 2.5 V to 5.25 V.
When operating from a 3 V supply, the power dissipation for
the part is 225 µW maximum. It is housed in a 10-lead MSOP.
FUNCTIONAL BLOCK DIAGRAM
CLOCK
Σ-∆
ADC
AIN1(–)
AIN1(+)
GND
REFIN
AD7787
AIN2
VDD
BUF
DOUT/RDY
DIN
SCLK
CS
SERIAL
INTERFACE
AND
LOGIC
CONTROL
MUX
VDD
GND
Figure 1.


Similar Part No. - EVAL-AD7787EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7787EB AD-EVAL-AD7787EB Datasheet
362Kb / 21P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
3/13-Rev. 0 to Rev. A
More results

Similar Description - EVAL-AD7787EB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
logo
Analog Devices
AD7787 AD-AD7787 Datasheet
326Kb / 20P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
4/04-Revision 0
AD7791 AD-AD7791 Datasheet
308Kb / 20P
Low Power, Buffered 24-Bit Sigma-Delta ADC
8/03-Revision 0
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Analog Devices
AD7787 AD-AD7787_17 Datasheet
362Kb / 21P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
3/13-Rev. 0 to Rev. A
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
Low Power, Buffered 24-Bit Sigma-Delta ADC
A
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com