Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADF7901EB Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADF7901EB
Description  High Performance ISM Band OOK/FSK Transmitter IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7901EB Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADF7901EB Datasheet HTML 3Page - Analog Devices EVAL-ADF7901EB Datasheet HTML 4Page - Analog Devices EVAL-ADF7901EB Datasheet HTML 5Page - Analog Devices EVAL-ADF7901EB Datasheet HTML 6Page - Analog Devices EVAL-ADF7901EB Datasheet HTML 7Page - Analog Devices EVAL-ADF7901EB Datasheet HTML 8Page - Analog Devices EVAL-ADF7901EB Datasheet HTML 9Page - Analog Devices EVAL-ADF7901EB Datasheet HTML 10Page - Analog Devices EVAL-ADF7901EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADF7901
Rev. A| Page 7 of 12
Pin No.
Mnemonic
Function
21
DVDD
Voltage Supply for VCO and PA Section. It should be supplied with 3.0 V. Decoupling capacitors to the ground
plane should be placed as close as possible to this pin.
22
PA_EN
This pin is used to enable the power amplifier. It should be modulated with the OOK data in OOK mode. In
FSK mode, it should be enabled when the PLL is locked.
23
RSET
External Resistor. Sets charge pump current and some internal bias currents. Use 3.6 kΩ as default.
24
CREG2
A 2.2 μF capacitor should be added at CREG2 to reduce regulator noise and improve stability. A reduced capacitor
improves regulator power-on time but can cause higher spurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com