Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6H71T Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6H71T
Description  2.7 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H71T Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6H71T Datasheet HTML 5Page - Microchip Technology MCP6H71T Datasheet HTML 6Page - Microchip Technology MCP6H71T Datasheet HTML 7Page - Microchip Technology MCP6H71T Datasheet HTML 8Page - Microchip Technology MCP6H71T Datasheet HTML 9Page - Microchip Technology MCP6H71T Datasheet HTML 10Page - Microchip Technology MCP6H71T Datasheet HTML 11Page - Microchip Technology MCP6H71T Datasheet HTML 12Page - Microchip Technology MCP6H71T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
 2012 Microchip Technology Inc.
DS22325B-page 9
MCP6H71/2/4
Note: Unless otherwise indicated, TA =+25°C, VDD = +3.5V to +12V, VSS = GND, VCM =VDD/2 - 1.4V, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =60 pF.
FIGURE 2-13:
Input Bias Current vs.
Common Mode Input Voltage.
FIGURE 2-14:
Quiescent Current vs.
Ambient Temperature.
FIGURE 2-15:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-16:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-17:
DC Open-Loop Gain vs.
Power Supply Voltage.
FIGURE 2-18:
DC Open-Loop Gain vs.
Output Voltage Headroom.
100
1000
10000
100000
T
A = +125°C
T
A = +85°C
100n
10n
1n
100p
1
10
02468
10
12
Common Mode Input Voltage (V)
V
DD = 12 V
10p
1p
400
500
600
700
V
DD = 12V
V
DD = 5V
V
DD = 3.5V
200
300
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
200
300
400
500
600
700
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
40°C
0
100
02468
10
12
Power Supply Voltage (V)
T
A = -40°C
-150
-120
-90
-60
-30
0
20
40
60
80
100
120
Open-Loop Gain
Open-Loop Phase
-210
-180
150
-20
0
20
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
Frequency (Hz)
1
10
100
1k
10k 100k
1M 10M
100
110
120
130
140
150
160
80
90
100
3579
11
13
Power Supply Voltage (V)
V
SS + 0.2V < VOUT < VDD -0.2V
90
100
110
120
130
140
70
80
90
100
1000
10000
100000
100000
Frequency (Hz)
100
1k
10k
100k
1M
Input Referred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com