Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6H71T Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6H71T
Description  2.7 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H71T Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6H71T Datasheet HTML 13Page - Microchip Technology MCP6H71T Datasheet HTML 14Page - Microchip Technology MCP6H71T Datasheet HTML 15Page - Microchip Technology MCP6H71T Datasheet HTML 16Page - Microchip Technology MCP6H71T Datasheet HTML 17Page - Microchip Technology MCP6H71T Datasheet HTML 18Page - Microchip Technology MCP6H71T Datasheet HTML 19Page - Microchip Technology MCP6H71T Datasheet HTML 20Page - Microchip Technology MCP6H71T Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
 2012 Microchip Technology Inc.
DS22325B-page 17
MCP6H71/2/4
4.0
APPLICATION INFORMATION
The MCP6H71/2/4 family of op amps are manufactured
using Microchip’s state-of-the-art CMOS process and
are specifically designed for low-power, high-precision
applications.
4.1
Inputs
4.1.1
PHASE REVERSAL
The MCP6H71/2/4 op amps are designed to prevent
phase reversal when the input pins exceed the supply
voltages.
Figure 2-36
shows
the
input
voltage
exceeding the supply voltage without any phase
reversal.
4.1.2
INPUT VOLTAGE LIMITS
In order to prevent damage and/or improper operation
of these amplifiers, the circuit must limit the voltages at
the input pins (see Section 1.1 “Absolute Maximum
Ratings †”).
The ESD protection on the inputs can be depicted as
shown in Figure 4-1. This structure was chosen to
protect the input transistors against many (but not all)
overvoltage conditions, and to minimize the input bias
current (IB).
FIGURE 4-1:
Simplified Analog Input ESD
Structures.
The input ESD diodes clamp the inputs when they try
to go more than one diode drop below VSS. They also
clamp any voltages that go well above VDD. Their
breakdown voltage is high enough to allow normal
operation, but not low enough to protect against slow
overvoltage (beyond VDD) events. Very fast ESD
events (that meet the specification) are limited so that
damage does not occur.
In some applications, it may be necessary to prevent
excessive voltages from reaching the op amp inputs;
Figure 4-2 shows one approach to protecting these
inputs.
FIGURE 4-2:
Protecting the Analog
Inputs.
A significant amount of current can flow out of the
inputs when the common mode voltage (VCM) is below
ground (VSS), as shown in Figure 2-38.
4.1.3
INPUT CURRENT LIMITS
In order to prevent damage and/or improper operation
of these amplifiers, the circuit must limit the currents
into the input pins (see Section 1.1 “Absolute
Maximum Ratings †”).
Figure 4-3 shows one approach to protecting these
inputs. The resistors R1 and R2 limit the possible
currents in or out of the input pins (and the ESD diodes,
D1 and D2). The diode currents will go through either
VDD or VSS.
FIGURE 4-3:
Protecting the Analog
Inputs.
4.1.4
NORMAL OPERATION
The inputs of the MCP6H71/2/4 op amps connect to a
differential PMOS input stage. It operates at a low
common mode input voltage (VCM), including ground.
With this topology, the device operates with a VCM up
to VDD – 2.5V and 0.3V below VSS (refer to Figures 2-3
through 2-5). The input offset voltage is measured at
VCM =VSS – 0.3V and VDD – 2.5V to ensure proper
operation.
For a unity gain buffer, VIN must be maintained below
VDD – 2.5V for correct operation.
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN–
V1
VDD
D1
V2
D2
MCP6H7X
VOUT
V1
R1
VDD
D1
R1 >
VSS – (minimum expected V1)
2mA
R2 >
VSS – (minimum expected V2)
2mA
V2
R2
D2
R3
V
OUT
MCP6H7X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com