Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603BT-ADJI/OS Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1603BT-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603BT-ADJI/OS Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1603BT-ADJI/OS Datasheet HTML 19Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 20Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 21Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 22Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 23Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 24Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 25Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 26Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
 2007-2012 Microchip Technology Inc.
DS22042B-page 23
MCP1603/B/L
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
8-Lead 2x3 DFN
Example
:
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Part Number
Code
MCP1603-120I/MC
AFM
MCP1603T-120I/MC
AFM
MCP1603-150I/MC
AFK
MCP1603T-150I/MC
AFK
MCP1603-180I/MC
AFJ
MCP1603T-180I/MC
AFJ
MCP1603-250I/MC
AFG
MCP1603T-250I/MC
AFG
MCP1603-330I/MC
AFA
MCP1603T-330I/MC
AFA
MCP1603-ADJI/MC
AFQ
MCP1603T-ADJI/MC
AFQ
Part Number
Code
MCP1603T-120I/OS
ETNN
MCP1603T-150I/OS
EUNN
MCP1603T-180I/OS
EVNN
MCP1603T-250I/OS
EWNN
MCP1603T-330I/OS
EXNN
MCP1603T-ADJI/OS
EYNN
MCP1603BT-180I/OS
GBNN
MCP1603BT-330I/OS
GENN
MCP1603BT-ADJI/OS
GANN
MCP1603LT-120I/OS
FMNN
MCP1603LT-150I/OS
FKNN
MCP1603LT-180I/OS
EJNN
MCP1603LT-250I/OS
FGNN
MCP1603LT-330I/OS
FANN
MCP1603LT-ADJI/OS
FQNN
AFM
235
25
5-Lead TSOT-23
Example
:
ET25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com