Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603BT-ADJI/OS Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1603BT-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603BT-ADJI/OS Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1603BT-ADJI/OS Datasheet HTML 3Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 4Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 5Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 6Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 7Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 8Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 9Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 10Page - Microchip Technology MCP1603BT-ADJI/OS Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
 2007-2012 Microchip Technology Inc.
DS22042B-page 7
MCP1603/B/L
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless
otherwise
indicated,
MCP1603/L,
VIN = SHDN =3.6V,
COUT =CIN = 4.7 µF,
L
= 4.7 µH,
VOUT(ADJ) = 1.8V, ILOAD = 100 mA, TA = +25°C. Adjustable or fixed output voltage options can be used to generate the
Typical Performance Characteristics.
FIGURE 2-1:
PFM IQ vs. Ambient
Temperature (MCP1603/L).
FIGURE 2-2:
PWM IQ vs. Ambient
Temperature (MCP1603B).
FIGURE 2-3:
Efficiency vs. Input Voltage
(VOUT = 1.2V).
FIGURE 2-4:
PFM IQ vs. Input Voltage
(MCP1603/L).
FIGURE 2-5:
PWM IQ vs. Input Voltage
(MCP1603B).
FIGURE 2-6:
Efficiency vs. Output Load
(VOUT = 1.2V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
42
43
44
45
46
47
48
49
50
V
OUT = 1.8V
V
IN = 4.2V
V
=30V
V
IN = 3.6V
40
41
42
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (oC)
V
IN =3.0V
2.7
2.8
2.9
3
3.1
3.2
3.3
V
OUT = 1.8V
V
IN = 3.0V
V
IN = 3.6V
V
IN = 4.2V
2.4
2.5
2.6
2.7
-40
-25
-10
5
2035506580
Ambient Temperature (oC)
V
IN
3.6V
70
75
80
85
90
95
100
V
OUT = 1.2V
I
OUT = 100 mA
I
OUT = 500 mA
I
OUT = 300 mA
60
65
2.7
3.05
3.4
3.75
4.1
4.45
4.8
5.15
5.5
Input Voltage (V)
44
46
48
50
52
T
A = +25
oC
T
A = +90
oC
40
42
2.7
3.05
3.4
3.75
4.1
4.45
4.8
5.15
5.5
Input Voltage (V)
T
A = -40
oC
2.6
2.8
3
3.2
3.4
T
A = +25
oC
T
A = +90
oC
V
OUT = 1.8V
2
2.2
2.4
2.7
3.05
3.4
3.75
4.1
4.45
4.8
5.15
5.5
Input Voltage (V)
T
A = -40
oC
30
40
50
60
70
80
90
100
V
OUT = 1.2V
V
IN = 2.7V
V
IN = 3.6V
0
10
20
30
0.1
1
10
100
1000
Output Current (mA)
OUT
V
IN = 4.2V
PFM/PWM
PWM Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com