Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603LT-ADJI/OS Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP1603LT-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603LT-ADJI/OS Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP1603LT-ADJI/OS Datasheet HTML 26Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 27Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 28Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 29Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 30Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 31Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 32Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 33Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2007-2012 Microchip Technology Inc.
DS22042B-page 31
MCP1603/B/L
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1603:
2.0 MHz, 500 mA Buck Regulator with PFM/PWM
Mode
MCP1603B: 2.0 MHz, 500 mA Buck Regulator with PWM-only
MCP1603L: 2.0 MHz, 500 mA Buck Regulator with PFM/PWM
Mode and Alternate Pinout
Voltage
Option:
MCP1603
MCP1603B
MCP1603L
ADJ = Adjustable
X
X
X
120 = 1.20V Standard
X
—
X
150 = 1.50V Standard
X
—
X
180 = 1.80V Standard
X
X
X
250 = 2.50V Standard
X
—
X
330 = 3.30V Standard
X
X
X
Temperature:
I
=
-40°C to +85°C
Package
Type:
MC = Plastic Dual-Flat No-Lead Package (MC), 8-Lead
OS = Plastic Thin Small Outline Transistor (OS), 5-Lead
Examples:
a)
MCP1603-180I/MC:
1.80V Buck Regulator,
Industrial Temperature,
8LD-DFN package
b)
MCP1603T-180I/MC:
Tape and Reel,
1.80V Buck Regulator,
Industrial Temperature,
8LD-DFN package
c)
MCP1603T-180I/OS:
Tape and Reel
1.80V Buck Regulator,
Industrial Temperature,
5LD-TSOT package
a)
MCP1603BT-180I/OS:
Tape and Reel,
1.80V Buck Regulator
with PWM Only,
Industrial Temperature,
5LD-TSOT package
a)
MCP1603LT-180I/OS:
Tape and Reel,
1.80V Buck Regulator with
Alternate TSOT Pinout,
Industrial Temperature,
5LD-TSOT package.
PART NO.
-XXX
Voltage
Option
Device
X
Temperature
/XX
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com