Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1603LT-ADJI/OS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1603LT-ADJI/OS
Description  2.0 MHz, 500 mA Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1603LT-ADJI/OS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1603LT-ADJI/OS Datasheet HTML 11Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 12Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 13Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 14Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 15Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 16Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 17Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 18Page - Microchip Technology MCP1603LT-ADJI/OS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
 2007-2012 Microchip Technology Inc.
DS22042B-page 15
MCP1603/B/L
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP1603/L is a synchronous buck regulator that
operates in a Pulse Frequency Modulation (PFM)
mode or a Pulse Width Modulation (PWM) mode to
maximize system efficiency over the entire operating
current range. Capable of operating from a 2.7V to
5.5V input voltage source, the MCP1603 can deliver
500 mA of continuous output current.
The MCP1603B device disables the PFM mode
switching, and operates only in normal PWM mode.
When using the MCP1603/B/L, the PCB area required
for a complete step-down converter is minimized, since
both the main P-Channel MOSFET and the synchro-
nous N-Channel MOSFET are integrated. Also while in
PWM mode, the device switches at a constant
frequency of 2.0 MHz (typical), which allows for small
filtering components. Both fixed and adjustable output
voltage options are available. The fixed voltage options
(1.2V, 1.5V 1.8V, 2.5V, 3.3V) do not require an external
voltage divider, which further reduces the required
circuit board footprint. The adjustable output voltage
options allow for more flexibility in the design, but
require an external voltage divider.
Additionally, the device features an undervoltage lock-
out (UVLO), overtemperature shutdown, overcurrent
protection and enable/disable control.
4.2
Synchronous Buck Regulator
The MCP1603/L has two distinct modes of operation
that allow the device to maintain a high level of
efficiency throughout the entire operating current and
voltage range. The device automatically switches
between PWM mode and PFM mode, depending on
the output load requirements. MCP1603B switches in
PWM mode only.
4.2.1
PFM/PWM MODE DEVICE OPTION
(MCP1603/L)
During
heavy
load
conditions,
the
MCP1603/L
operates at a high, fixed switching frequency of
2.0 MHz (typical) using current mode control. This
minimizes output ripple (10 – 15 mV, typically) and
noise, while maintaining high efficiency (88% typical
with VIN =3.6V, VOUT =1.8V, IOUT = 300 mA).
During normal PWM operation, the beginning of a
switching cycle occurs when the internal P-Channel
MOSFET is turned on. The ramping inductor current is
sensed and tied to one input of the internal high-speed
comparator. The other input to the high-speed
comparator is the error amplifier output. This is the
difference between the internal 0.8V reference and the
divided-down output voltage. When the sensed current
becomes equal to the amplified error signal, the high-
speed comparator switches states and the P-Channel
MOSFET is turned off. The N-Channel MOSFET is
turned on until the internal oscillator sets an internal RS
latch, initiating the beginning of another switching
cycle.
PFM-to-PWM mode transition is initiated for any of the
following conditions:
• Continuous device switching
• Output voltage has dropped out of regulation
4.2.1.1
Light Load, PFM Mode
During light-load conditions, the MCP1603/L operates
in a PFM mode. When the MCP1603/L enters this
mode, it begins to skip pulses to minimize unnecessary
quiescent-current draw by reducing the number of
switching cycles per second. The typical quiescent cur-
rent draw for this device is 45 µA.
PWM-to-PFM mode transition is initiated for any of the
following conditions:
• Discontinuous inductor current is sensed for a set
duration
• Inductor peak current falls below the transition
threshold limit
4.2.2
PWM MODE DEVICE OPTION
(MCP1603B)
There are applications that cannot tolerate the low
frequency pulse skipping mode or the output ripple
voltage associated with it, which is distinctive for PFM
switching.
The MCP1603B device has disabled the PFM mode
switching. It operates only in normal PWM mode over
the entire load range (without skipping pulses). During
periods of light load operation, the MCP1603B
continues to operate at a constant 2 MHz switching
frequency, keeping the output ripple voltage lower than
PFM mode. Because there are no skipping pulses, a
minimum load current is necessary to keep output in
regulation (see Figure 2-15, without a minimum load,
the output voltage will be greater than the set point).
The minimum load value depends on the input-to-
output ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com