Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2515-I/ML Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP2515-I/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ML Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP2515-I/ML Datasheet HTML 27Page - Microchip Technology MCP2515-I/ML Datasheet HTML 28Page - Microchip Technology MCP2515-I/ML Datasheet HTML 29Page - Microchip Technology MCP2515-I/ML Datasheet HTML 30Page - Microchip Technology MCP2515-I/ML Datasheet HTML 31Page - Microchip Technology MCP2515-I/ML Datasheet HTML 32Page - Microchip Technology MCP2515-I/ML Datasheet HTML 33Page - Microchip Technology MCP2515-I/ML Datasheet HTML 34Page - Microchip Technology MCP2515-I/ML Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 31
MCP2515
REGISTER 4-7:
RXBnEID0 – RECEIVE BUFFER n EXTENDED IDENTIFIER LOW
(ADDRESS: 64h, 74h)
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
EID<7:0>: Extended Identifier bits
These bits hold the Least Significant eight bits of the Extended Identifier for the received message
REGISTER 4-8:
RXBnDLC – RECEIVE BUFFER n DATA LENGTH CODE
(ADDRESS: 65h, 75h)
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
—
RTR
RB1
RB0
DLC3
DLC2
DLC1
DLC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Reads as ‘0’
bit 6
RTR: Extended Frame Remote Transmission Request bit
(valid only when RXBnSIDL.IDE = 1)
1
= Extended Frame Remote Transmit Request Received
0
= Extended Data Frame Received
bit 5
RB1: Reserved Bit 1
bit 4
RB0: Reserved Bit 0
bit 3-0
DLC<3:0>: Data Length Code bits
Indicates number of data bytes that were received
REGISTER 4-9:
RXBnDM – RECEIVE BUFFER n DATA BYTE M
(ADDRESS: 66h - 6Dh, 76h - 7Dh)
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
RBnD7
RBnD6
RBnD5
RBnD4
RBnD3
RBnD2
RBnD1
RBnD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
RBnD7:RBnD0: Receive Buffer n Data Field Bytes m
Eight bytes containing the data bytes for the received message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com