Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2515-I/ML Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP2515-I/ML
Description  Stand-Alone CAN Controller with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-I/ML Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP2515-I/ML Datasheet HTML 49Page - Microchip Technology MCP2515-I/ML Datasheet HTML 50Page - Microchip Technology MCP2515-I/ML Datasheet HTML 51Page - Microchip Technology MCP2515-I/ML Datasheet HTML 52Page - Microchip Technology MCP2515-I/ML Datasheet HTML 53Page - Microchip Technology MCP2515-I/ML Datasheet HTML 54Page - Microchip Technology MCP2515-I/ML Datasheet HTML 55Page - Microchip Technology MCP2515-I/ML Datasheet HTML 56Page - Microchip Technology MCP2515-I/ML Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
 2003-2012 Microchip Technology Inc.
DS21801G-page 53
MCP2515
REGISTER 7-2:
CANINTF – INTERRUPT FLAG
(ADDRESS: 2Ch)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
MERRF
WAKIF
ERRIF
TX2IF
TX1IF
TX0IF
RX1IF
RX0IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
MERRF: Message Error Interrupt Flag bit
1
= Interrupt pending (must be cleared by MCU to reset interrupt condition)
0
= No interrupt pending
bit 6
WAKIF: Wake-up Interrupt Flag bit
1
= Interrupt pending (must be cleared by MCU to reset interrupt condition)
0
= No interrupt pending
bit 5
ERRIF: Error Interrupt Flag bit (multiple sources in EFLG register)
1
= Interrupt pending (must be cleared by MCU to reset interrupt condition)
0
= No interrupt pending
bit 4
TX2IF: Transmit Buffer 2 Empty Interrupt Flag bit
1
= Interrupt pending (must be cleared by MCU to reset interrupt condition)
0
= No interrupt pending
bit 3
TX1IF: Transmit Buffer 1 Empty Interrupt Flag bit
1
= Interrupt pending (must be cleared by MCU to reset interrupt condition)
0
= No interrupt pending
bit 2
TX0IF: Transmit Buffer 0 Empty Interrupt Flag bit
1
= Interrupt pending (must be cleared by MCU to reset interrupt condition)
0
= No interrupt pending
bit 1
RX1IF: Receive Buffer 1 Full Interrupt Flag bit
1
= Interrupt pending (must be cleared by MCU to reset interrupt condition)
0
= No interrupt pending
bit 0
RX0IF: Receive Buffer 0 Full Interrupt Flag bit
1
= Interrupt pending (must be cleared by MCU to reset interrupt condition)
0
= No interrupt pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com