Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX120F032D Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC32MX120F032D
Description  32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX120F032D Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC32MX120F032D Datasheet HTML 67Page - Microchip Technology PIC32MX120F032D Datasheet HTML 68Page - Microchip Technology PIC32MX120F032D Datasheet HTML 69Page - Microchip Technology PIC32MX120F032D Datasheet HTML 70Page - Microchip Technology PIC32MX120F032D Datasheet HTML 71Page - Microchip Technology PIC32MX120F032D Datasheet HTML 72Page - Microchip Technology PIC32MX120F032D Datasheet HTML 73Page - Microchip Technology PIC32MX120F032D Datasheet HTML 74Page - Microchip Technology PIC32MX120F032D Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 328 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS61168E-page 71
PIC32MX1XX/2XX
4.3
Control Registers
Register 4-1 through Register 4-8 are used for setting
the RAM and Flash memory partitions for data and
code.
REGISTER 4-1:
BMXCON: BUS MATRIX CONFIGURATION REGISTER
Bit
Range
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
31:24
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
23:16
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—
BMX
ERRIXI
BMX
ERRICD
BMX
ERRDMA
BMX
ERRDS
BMX
ERRIS
15:8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
7:0
U-0
R/W-1
U-0
U-0
U-0
R/W-0
R/W-0
R/W-1
—
BMX
WSDRM
—
—
—
BMXARB<2:0>
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 31-21 Unimplemented: Read as ‘0’
bit 20
BMXERRIXI:
Enable Bus Error from IXI bit
1
= Enable bus error exceptions for unmapped address accesses initiated from IXI shared bus
0
= Disable bus error exceptions for unmapped address accesses initiated from IXI shared bus
bit 19
BMXERRICD:
Enable Bus Error from ICD Debug Unit bit
1
= Enable bus error exceptions for unmapped address accesses initiated from ICD
0
= Disable bus error exceptions for unmapped address accesses initiated from ICD
bit 18
BMXERRDMA:
Bus Error from DMA bit
1
= Enable bus error exceptions for unmapped address accesses initiated from DMA
0
= Disable bus error exceptions for unmapped address accesses initiated from DMA
bit 17
BMXERRDS:
Bus Error from CPU Data Access bit (disabled in Debug mode)
1
= Enable bus error exceptions for unmapped address accesses initiated from CPU data access
0
= Disable bus error exceptions for unmapped address accesses initiated from CPU data access
bit 16
BMXERRIS:
Bus Error from CPU Instruction Access bit (disabled in Debug mode)
1
= Enable bus error exceptions for unmapped address accesses initiated from CPU instruction access
0
= Disable bus error exceptions for unmapped address accesses initiated from CPU instruction access
bit 15-7
Unimplemented:
Read as ‘0’
bit 6
BMXWSDRM:
CPU Instruction or Data Access from Data RAM Wait State bit
1
= Data RAM accesses from CPU have one wait state for address setup
0
= Data RAM accesses from CPU have zero wait states for address setup
bit 5-3
Unimplemented:
Read as ‘0’
bit 2-0
BMXARB<2:0>:
Bus Matrix Arbitration Mode bits
111
= Reserved (using these Configuration modes will produce undefined behavior)
•
•
•
011
= Reserved (using these Configuration modes will produce undefined behavior)
010
= Arbitration Mode 2
001
= Arbitration Mode 1 (default)
000
= Arbitration Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com