Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX120F032D Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC32MX120F032D
Description  32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX120F032D Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC32MX120F032D Datasheet HTML 75Page - Microchip Technology PIC32MX120F032D Datasheet HTML 76Page - Microchip Technology PIC32MX120F032D Datasheet HTML 77Page - Microchip Technology PIC32MX120F032D Datasheet HTML 78Page - Microchip Technology PIC32MX120F032D Datasheet HTML 79Page - Microchip Technology PIC32MX120F032D Datasheet HTML 80Page - Microchip Technology PIC32MX120F032D Datasheet HTML 81Page - Microchip Technology PIC32MX120F032D Datasheet HTML 82Page - Microchip Technology PIC32MX120F032D Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 328 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS61168E-page 79
PIC32MX1XX/2XX
REGISTER 5-2:
NVMKEY: PROGRAMMING UNLOCK REGISTER
Bit
Range
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
31:24
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
NVMKEY<31:24>
23:16
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
NVMKEY<23:16>
15:8
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
NVMKEY<15:8>
7:0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
NVMKEY<7:0>
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-0
NVMKEY<31:0>:
Unlock Register bits
These bits are write-only, and read as ‘0’ on any read
Note:
This register is used as part of the unlock sequence to prevent inadvertent writes to the PFM.
REGISTER 5-3:
NVMADDR: FLASH ADDRESS REGISTER
Bit
Range
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
31:24
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NVMADDR<31:24>
23:16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NVMADDR<23:16>
15:8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NVMADDR<15:8>
7:0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NVMADDR<7:0>
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-0
NVMADDR<31:0>:
Flash Address bits
Bulk/Chip/PFM Erase: Address is ignored.
Page Erase: Address identifies the page to erase.
Row Program: Address identifies the row to program.
Word Program: Address identifies the word to program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com