Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F303VCT6 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 84Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 85Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 86Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 87Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 88Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 89Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 90Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 91Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 132 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
88/132
DocID023353 Rev 6
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 19 and Figure 20 for standard I/Os.
Figure 19. TC and TTa I/O input characteristics - CMOS port
Figure 20. TC and TTa I/O input characteristics - TTL port
MS30255V2
VDD (V)
VIHmin 2.0
VILmax 0.7
VIL/VIH (V)
1.3
2.0
3.6
VILmax
= 0.3V
DD
+0.07
0.6
2.7
3.0
3.3
CMOS standard requirements VILmax = 0.3VDD
VIHmin
= 0.445V
DD
+0.398
Area not determined
Tested
in production
Tested
in production
Based
on design
simulations
Based
on design
simulations
CMOS
standard
requirements
VIHmin
= 0.7
VDD
MS30256V2
VDD (V)
VIHmin 2.0
VILmax 0.8
VIL/VIH (V)
1.3
2.0
3.6
TTL standard requirements VIHmin = 2 V
VILmax
= 0.3V
DD
+0.07
0.7
2.7
3.0
3.3
TTL standard requirements VILmax = 0.8 V
VIHmin
= 0.445V
DD
+0.398
Area not determined
Based
on design
simulations
Based
on design
simulations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com