Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F303VCT6 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 91Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 92Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 93Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 94Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 95Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 96Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 97Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 98Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 132 page
background image
DocID023353 Rev 6
95/132
STM32F302xx/STM32F303xx
Electrical characteristics
117
6.3.17
Communications interfaces
I2C interface characteristics
The I2C interface meets the requirements of the standard I2C communication protocol with
the following restrictions: the I/O pins SDA and SCL are mapped to are not “true” open-
drain. When configured as open-drain, the PMOS connected between the I/O pin and VDD is
disabled, but is still present.
The I2C characteristics are described in Table 59. Refer also to Section 6.3.14: I/O port
characteristics for more details on the input/output alternate function characteristics (SDA
and SCL).
Table 59. I2C timings specification (see I2C specification, rev.03, June 2007)(1)
Symbol
Parameter
Standard mode
Fast mode
Fast Mode Plus
Unit
Min
Max
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
0
1000
KHz
tLOW
Low period of the SCL clock
4.7
-
1.3
-
0.5
-
µs
tHIGH
High Period of the SCL clock
4
0.6
0.26
-
µs
tr
Rise time of both SDA and SCL
signals
-
1000
-
300
-
120
ns
tf
Fall time of both SDA and SCL
signals
-
300
-
300
-
120
ns
tHD;DAT
Data hold time
0
-
0
-
0
-
µs
tVD;DAT
Data valid time
-
3.45(2)
-0.9(2)
-0.45(2)
µs
tVD;ACK
Data valid acknowledge time
-
3.45(2)
-0.9(2)
-0.45(2)
µs
tSU;DAT
Data setup time
250
-
100
-
50
-
ns
tHD:STA
Hold time (repeated) START
condition
4.0
-
0.6
-
0.26
-
µs
tSU:STA
Set-up time for a repeated START
condition
4.7
-
0.6
-
0.26
µs
tSU:STO
Set-up time for STOP condition
4.0
-
0.6
-
0.26
-
µs
tBUF
Bus free time between a
STOP and START condition
4.7
-
1.3
-
0.5
-
µs
Cb
Capacitive load for each bus line
-
400
-
400
-
550
pF
1. The I2C characteristics are the requirements from I2C bus specification rev03. They are guaranteed by design when
I2Cx_TIMING register is correctly programmed (Refer to the reference manual). These characteristics are not tested in
production.
2. The maximum tHD;DAT could be 3.45 µs, 0.9 µs and 0.45 µs for standard mode, fast mode and fast mode plus, but must
be less than the maximum of tVD;DAT or tVD;ACK by a transition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com