Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F303VCT6 Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 116Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 117Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 118Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 119Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 120Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 121Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 122Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 123Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 132 page
background image
Package characteristics
STM32F302xx/STM32F303xx
120/132
DocID023353 Rev 6
Figure 37. Recommended footprint
1. Dimensions are in millimeters.
E1
13.80
14.00
14.2
0.5433
0.5512
0.5591
E3
12.00
0.4724
e0.50
0.0197
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
1.00
0.0394
K
0°3.5°
7°
0°3.5°
7°
ccc
0.08
0.0031
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Table 76. LQPF100 – 14 x 14 mm, low-profile quad flat package mechanical data (continued)
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
75
51
50
76
0.5
0.3
16.7
14.3
100
26
12.3
25
1.2
16.7
1
ai14906b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com