Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9LPRS365BGLF Datasheet(PDF) 18 Page - Integrated Device Technology

Part # ICS9LPRS365BGLF
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS365BGLF Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button ICS9LPRS365BGLF Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 16Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 17Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 18Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 19Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 20Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 21Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
Integrated
Circuit
Systems, Inc.
ICS9LPRS365
Advance Information
1218—09/09/09
1
11
X
Enable
Running
Running
Running
Running
0
X
X
X
Enable
Low/20K
Low
Low/20K
Low
1
0
X
X
Enable
High
Low
High
Low
1X
X
X
Disable
Low/20K
Low
Low/20K
Low
Running
Running
Low/20K
Low
SRC/LCD
SRC#/LCD#
SRC/LCD
SRC#/LCD#
1X
10
Enable
Running
Running
Running
Running
Running
Running
0
X
X
X
Enable
Low/20K
Low
Low/20K
Low
Low/20K
Low
1X
0
X
Enable
Running
Running
High
Low
Running
Running
1X
X
1
Enable
Running
Running
Low/20K
Low
Running
Running
1X
X
X
Disable
Low/20K
Low
Low/20K
Low
Low/20K
Low
Low/20K
Low
Low/20K
Low
Low/20K
Low
PCIF/PCI
PCIF/PCI
Free-run
Stoppable
1X
1
X
Enable
Running
Running
Running
Running
0
X
X
X
Enable
Low
Low
Low
Low
1X
0
X
Enable
Running
Low
Running
Running
1X
X
X
Disable
Low
Low
Low
Low
Low
Low
Low
Low
USB
REF
M1
M1
PD#
CPU_STOP#
PCI_STOP#
CR#
SMBus
Register OE
Singled-ended Power Management Table
DOT
DOT#
Free-Run
PCI Stoppable/CR
Selected
CPU(0,2)
CPU(0,2)#
M1
PD#
CPU_STOP#
PCI_STOP#
CR#
SMBus
Register OE
SRC, LCD, DOT Power Management Table
CPU Power Management Table
PD#
CPU_STOP#
PCI_STOP#
CR#
SMBus
Register OE
CPU1
CPU1#
Table 3: IO_Vout select table
B9b2
B9b1
B9b0
IO_Vout
000
0.3V
001
0.4V
010
0.5V
011
0.6V
100
0.7V
101
0.8V
110
0.9V
111
1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com