Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9LPRS365BGLF Datasheet(PDF) 24 Page - Integrated Device Technology

Part # ICS9LPRS365BGLF
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS365BGLF Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button ICS9LPRS365BGLF Datasheet HTML 20Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 21Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 22Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 23Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 24Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 25Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 26Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 27Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 28Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
Integrated
Circuit
Systems, Inc.
ICS9LPRS365
Advance Information
1218—09/09/09
Byte 17 VCO Frequency Control Register PLL3
Bit
Pin
Name
Description
Type
0
1
Default
7
N Div8
N Divider 8
RW
-
-
X
6
N Div9
N Divider 9
RW
-
-
X
5
M Div5
RW
-
-
X
4
M Div4
RW
-
-
X
3
M Div3
RW
-
-
X
2
M Div2
RW
-
-
X
1
M Div1
RW
-
-
X
0
M Div0
RW
-
-
X
Byte 18 VCO Frequency Control Register PLL3
Bit
Pin
Name
Description
Type
0
1
Default
7
N Div7
RW
-
-
X
6
N Div6
RW
-
-
X
5
N Div5
RW
-
-
X
4
N Div4
RW
-
-
X
3
N Div3
RW
-
-
X
2
N Div2
RW
-
-
X
1
N Div1
RW
-
-
X
0
N Div0
RW
-
-
X
Byte 19 Spread Spectrum Control Register PLL3
Bit
Pin
Name
Description
Type
0
1
Default
7
SSP7
RW
-
-
X
6
SSP6
RW
-
-
X
5
SSP5
RW
-
-
X
4
SSP4
RW
-
-
X
3
SSP3
RW
-
-
X
2
SSP2
RW
-
-
X
1
SSP1
RW
-
-
X
0
SSP0
RW
-
-
X
Byte 20 Spread Spectrum Control Register PLL3
Bit
Pin
Name
Description
Type
0
1
Default
7
Reserved
Reserved
RW
-
-
0
6
SSP14
RW
-
-
x
5
SSP13
RW
-
-
X
4
SSP12
RW
-
-
X
3
SSP11
RW
-
-
X
2
SSP10
RW
-
-
X
1
SSP9
RW
-
-
X
0
SSP8
RW
-
-
X
Byte 21 M/N Enables
Bit
Pin
Name
Description
RW
0
1
Default
7
Reserved
RW
0
6
Reserved
RW
0
5
Reserved
RW
0
4
Reserved
RW
0
3
Reserved
RW
0
2
Reserved
RW
0
1
M/N Enable
CPU PLL M/N Enable
RW
Disable
Enable
0
0
M/N Enable
SRC/PCI PLL M/N Enable
RW
Disable
Enable
0
The decimal representation of M Div (5:0) is equal
to reference divider value. Default at power up =
latch-in or Byte 0 Rom table.
*These bits are disabled if TME is latched to 1
The decimal representation of N Div (9:0) is equal to
VCO divider value. Default at power up = latch-in or
Byte 0 Rom table.
These Spread Spectrum bits will program the
spread pecentage. Contact ICS for the correct
values.
These Spread Spectrum bits will program the
spread pecentage. Contact ICS for the correct
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com