Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2270 Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 55Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 56Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 57Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 58Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 59Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 60Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 61Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 62Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 226 page
background image
Rev. 1.00
�9 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
To i nt er na l
ci rc ui ts
In te rn al
O sc illa to r
Ci rc ui t
C1
C2
In te r nal R C
Os c illa to r
32768 Hz
External LXT Oscillator – LXT
32768Hz Crystal Recommended Capacitor Values
LXT Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
��768Hz
10pF
10pF
Note: C1 and C� values are for guidance onl�.
Internal Low Speed RC Oscillator – LIRC
The internal low speed oscillator, LIRC, is a fully self-contained free running on-chip RC
oscillator, used as a clock source for the Watchdog Timer and the Time Base functions. When
the microcontroller enters the IDLE Mode, the CPU clock is switched off to stop microcontroller
activity and to conserve power, however the LIRC oscillator will continue to run and can maintain
WDT and Time Base operation if it is selected as their clock source. The LIRC oscillator has
a typical frequency of 32kHz at 5V and requires no external components, however its actual
frequency may vary with temperature and supply voltage. For precise low speed oscillator
functions the LXT oscillator should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com