Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT85F2270 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 62Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 63Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 64Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 65Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 66Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 67Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 68Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 69Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 226 page
background image
Rev. 1.00
66 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Operation Modes
There are three different modes of operation for the microcontroller, each one with its own
special characteristics and which can be chosen according to the specific performance and
power requirements of the application. There is one mode allowing normal operation of the
microcontroller, the NORMAL Mode, in which all oscillators and function remain active. There
are also two low power modes, the IDLE mode and the Power-Down Mode. In the IDLE mode,
the microcontroller CPU will stop and instruction execution will cease, however, the high speed
oscillators will continue to run and can continue to provide a clock source for the peripheral
functions such as WDT, Time Base, Timers, UARTs, I2C, SPI, ADC and DAC. The slow speed
oscillators will also continue to run and keep the WDT and Time Base functions active, if their
clock sources are not the system clock. In the Power-Down mode all oscillators are stopped and
therefore all functions cease operation.
Operating Mode
NORMAL Mode
IDLE Mode
Power-Down Mode
CPU Clock
On
Off
Off
Peripheral Clock(Note)
On
On
Off
Low Frequenc� XTAL Oscillator (LXT)
On (LSOSEL=1)/Off On (LSOSEL=1)/Off
Off
Low Frequenc� Internal RC Oscillator (LIRC) On (LSOSEL=0)/Off On (LSOSEL=0)/Off
Off
High Frequenc� XTAL Oscillator (HXT)
On (HXTEN=1)/Off
On (HXTEN=1)/Off
Off
High Frequenc� Internal RC Oscillator (HIRC) On (HIRCEN=1)/Off On (HIRCEN=1)/Off
Off
Note: Peripheral Clock is the clock for Timer 0� Timer 1� Timer �� Timer �� PCA� UART0� UART1� I�C�
SPI� ADC� and DAC.
NORMAL Mode
As the name suggests this is the main operating mode where all of the selected oscillators and
clocks are active and the microcontroller has all of its functions operational and where the system
clock is provided directly by one of the high speed oscillators, HXT, HIRC or the PLL.
IDLE Mode
The IDLE Mode is entered when the IDL bit in the PCON register is set high. When the instruction
that sets the IDL bit high is executed the CPU operation will be inhibited, however, the high
frequency clock source will continue to run and can continue to provide a clock source for the
peripheral functions if selected. The low frequency clock sources will also remain operational and
can also provide a clock source for the WDT and Time Base functions, if they are enabled and if
their clock source is not selected to come from the system clock.
Power-Down Mode
The Power-Down Mode is entered when the PD bit in the PCON register is set high. When the
instruction that sets the PD bit high is executed the all oscillators will stop thus inhibiting both
CPU and peripheral functions such as the WDT and Time Base if they are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com