| Electronic Components Datasheet Search |
|
HT85F2270 Datasheet(PDF) 118 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT85F2270 Datasheet(HTML) 118 Page - Holtek Semiconductor Inc |
|
118 / 226 page ![]() Rev. 1.00 118 of ��6 �a� 1�� �01� Standard 8051 8-Bit Flash MCU HT85F2260/HT85F2270/HT85F2280 26 Input/Output Ports The devices offer a range of flexible options on their I/O ports. Many pins can be setup with a choice of different register controlled modes as well as having pull-high wake up and slew rate functions. Input/Output Port Overview The devices are provided with a series bidirectional input/output ports labeled with port names P0~P5. These I/O ports are mapped to the Special Function Registers with specific addresses as shown in the Special Function Registers table. All of these I/O ports can be used for both input and output operations, the data for which is stored in Port Data Registers. Ports P0~P3 can be setup using Port Mode Registers to operate in a series of different modes. Ports 4 and 5 can only operate in the traditional 8051 type quasi-bidirectional mode. The Port P0 provides register controlled wake up function as well. Bit manipulation instructions can be used to control Ports P0~P3, while Ports 4 and 5 must be controlled using byte wide instructions. I/O Port Function Summary Function. Port Number P0 P1 P2 P3 P4 P5 Notes Push-Pull √ √ √ √ — — C�OS Output Open Drain √ √ √ √ — — N�OS Quasi Bi-direct √ √ √ √ √ √ Traditional 80�1 Port t�pe Input Onl� √ √ √ √ — — High impedance Bit Addressable √ √ √ √ — — — Slew Rate Control √ √ √ √ √ √ Fast or Slow select |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |