Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6546-E/SN Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP6546-E/SN
Description  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546-E/SN Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP6546-E/SN Datasheet HTML 35Page - Microchip Technology MCP6546-E/SN Datasheet HTML 36Page - Microchip Technology MCP6546-E/SN Datasheet HTML 37Page - Microchip Technology MCP6546-E/SN Datasheet HTML 38Page - Microchip Technology MCP6546-E/SN Datasheet HTML 39Page - Microchip Technology MCP6546-E/SN Datasheet HTML 40Page - Microchip Technology MCP6546-E/SN Datasheet HTML 41Page - Microchip Technology MCP6546-E/SN Datasheet HTML 42Page - Microchip Technology MCP6546-E/SN Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
© 2002-2012 Microchip Technology Inc.
DS21714G-page 39
MCP6546/6R/6U/7/8/9
APPENDIX A:
REVISION HISTORY
Revision G (February 2012)
The following is the list of modifications:
1.
Updated the Package Types drawing to correct
the device representation of the SC-70 package.
2.
Updated
package
temperatures
in
the
Temperature Characteristics table.
3.
Corrected the marking information table for the
5-Lead
SC-70
package
(MCP6546
and
MCP6546U) in Section 5.1, Package Marking
Information.
4.
Updated the package outline drawings in
Section 5.1 “Package Marking Information”,
to show all views for each package.
5.
Minor editorial changes.
Revision F (September 2007)
The following is the list of modifications:
1.
Corrected polarity of MCP6546U SOT-23-5 pin-
out diagram on the first page.
2.
Updated
package
outline
drawings
in
Section 5.1 “Package Marking Information”
per Marcom.
Revision E (September 2006)
The following is the list of modifications:
1.
Added MCP6546U pinout for the SOT-23-5
package.
2.
Clarified
Absolute
Maximum
Analog
Input
Voltage and Current Specifications.
3.
Added
application
information
on
unused
comparators.
4.
Added disclaimer to package outline drawings.
Revision D (May 2006)
The following is the list of modifications:
1.
Added E-temp parts.
2.
Changed minimum pull-up voltage specification
(VPU) to 1.6V for parts starting Dec. 2004 (week
code 52); previous parts are specified at a
minimum of VDD.
3.
Changed VHYST temperature specifications to
linear and quadratic temperature coefficients.
4.
Changed specifications and plots to include E-
Temp parts.
5.
Added Section 3.0 “Pin Descriptions”.
6.
Corrected
package
markings
(Section 5.1
“Package Marking Information”).
7.
Added Appendix A: “Revision History”.
Revision C (May 2003)
• Undocumented changes.
Revision B (December 2002)
• Undocumented changes.
Revision A (February 2002)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com