Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6546-E/SN Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6546-E/SN
Description  Open-Drain Output Sub-Microamp Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546-E/SN Datasheet(HTML) 4 Page - Microchip Technology

  MCP6546-E/SN Datasheet HTML 1Page - Microchip Technology MCP6546-E/SN Datasheet HTML 2Page - Microchip Technology MCP6546-E/SN Datasheet HTML 3Page - Microchip Technology MCP6546-E/SN Datasheet HTML 4Page - Microchip Technology MCP6546-E/SN Datasheet HTML 5Page - Microchip Technology MCP6546-E/SN Datasheet HTML 6Page - Microchip Technology MCP6546-E/SN Datasheet HTML 7Page - Microchip Technology MCP6546-E/SN Datasheet HTML 8Page - Microchip Technology MCP6546-E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MCP6546/6R/6U/7/8/9
DS21714G-page 4
© 2002-2012 Microchip Technology Inc.
FIGURE 1-1:
Timing Diagram for the CS
pin on the MCP6548.
FIGURE 1-2:
Propagation Delay Timing
Diagram.
MCP6548 CHIP SELECT (CS) CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = 25°C, VIN+ = VDD/2,
VIN– = VSS, RPU =2.74 kΩ to VPU = VDD, and CL = 36 pF (Refer to Figures 1-1 and 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—0.2
VDD
V
CS Input Current, Low
ICSL
—5
—
pA
CS = VSS
CS High Specifications
CS Logic Threshold, High
VIH
0.8 VDD
—VDD
V
CS Input Current, High
ICSH
—1
—
pA
CS = VDD
CS Input High, VDD Current
IDD
—18
—
pA
CS = VDD
CS Input High, GND Current
ISS
—-20
—
pA
CS = VDD
Comparator Output Leakage
IO(LEAK)
—1
—
pA
VOUT = VSS+10V, CS = VDD
CS Dynamic Specifications
CS Low to Comparator Output
Low Turn-on Time
tON
—2
50
ms
CS = 0.2VDD to VOUT = VDD/2,
VIN– = VDD
CS High to Comparator Output
High Z Turn-off Time
tOFF
—10
—
µs
CS = 0.8VDD to VOUT = VDD/2,
VIN– = VDD
CS Hysteresis
VCS_HYST
—0.6
—
V
VDD = 5V
VIL
High-Z
tON
VIH
CS
tOFF
VOUT
-20 pA (typ.)
High-Z
ISS
ICS
-20 pA (typ.)
-0.6 µA (typ.)
1 pA (typ.)
1 pA (typ.)
5 pA (typ.)
VOL
tPLH
VOUT
VIN–
100 mV
100 mV
tPHL
VOL
VIN+ = VDD/2
VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com