Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F0113 Datasheet(PDF) 67 Page - Zilog, Inc.

Part # Z8F0113
Description  High-Performance 8-Bit Microcontrollers
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F0113 Datasheet(HTML) 67 Page - Zilog, Inc.

Back Button Z8F0113 Datasheet HTML 63Page - Zilog, Inc. Z8F0113 Datasheet HTML 64Page - Zilog, Inc. Z8F0113 Datasheet HTML 65Page - Zilog, Inc. Z8F0113 Datasheet HTML 66Page - Zilog, Inc. Z8F0113 Datasheet HTML 67Page - Zilog, Inc. Z8F0113 Datasheet HTML 68Page - Zilog, Inc. Z8F0113 Datasheet HTML 69Page - Zilog, Inc. Z8F0113 Datasheet HTML 70Page - Zilog, Inc. Z8F0113 Datasheet HTML 71Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 245 page
background image
PS024315-1011
P R E L I M I N A R Y
GPIO Control Register Definitions
Z8 Encore! XP® F0823 Series
Product Specification
52
LED Drive Level High Register
The LED Drive Level registers contain two control bits for each Port C pin (Table 33).
These two bits select between four programmable drive levels. Each pin is individually
programmable.
Table 33. LED Drive Level High Register (LEDLVLH)
Bit
7
6
5
4
3
2
1
0
Field
LEDLVLH[7:0]
RESET
00000000
R/W
R/WR/W
R/WR/WR/WR/WR/WR/W
Address
F83H
Bit
Description
[7:0]
LEDLVLH
LED Level High Bit
{LEDLVLH, LEDLVLL} select one of four programmable current drive levels for each Port C
pin.
00 = 3mA.
01= 7mA.
10= 13mA.
11= 20mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com