Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC0832LCWMX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC0832LCWMX/NOPB
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0832LCWMX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC0832LCWMX/NOPB Datasheet HTML 2Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 3Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 4Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 5Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 6Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 7Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 8Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 9Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
DAC0830, DAC0832
SNAS534B – MAY 1999 – REVISED MARCH 2013
www.ti.com
is high.
WR2: Write 2 (active low). This signal, in combination with XFER, causes the 8-bit data which is available in the
input latch to transfer to the DAC register.
XFER: Transfer control signal (active low). The XFER will enable WR2.
Other Pin Functions
DI0-DI7: Digital Inputs. DI0 is the least significant bit (LSB) and DI7 is the most significant bit (MSB).
IOUT1: DAC Current Output 1. IOUT1 is a maximum for a digital code of all 1's in the DAC register, and is zero for
all 0's in DAC register.
IOUT2: DAC Current Output 2. IOUT2 is a constant minus IOUT1 , or IOUT1 + IOUT2 = constant (I full scale for a fixed
reference voltage).
Rfb:
Feedback Resistor. The feedback resistor is provided on the IC chip for use as the shunt feedback
resistor for the external op amp which is used to provide an output voltage for the DAC. This on-chip
resistor should always be used (not an external resistor) since it matches the resistors which are used in
the on-chip R-2R ladder and tracks these resistors over temperature.
VREF: Reference Voltage Input. This input connects an external precision voltage source to the internal R-2R
ladder. VREF can be selected over the range of +10 to −10V. This is also the analog voltage input for a 4-
quadrant multiplying DAC application.
VCC: Digital Supply Voltage. This is the power supply pin for the part. VCC can be from +5 to +15VDC.
Operation is optimum for +15VDC
GND: The pin 10 voltage must be at the same ground potential as IOUT1 and IOUT2 for current switching
applications. Any difference of potential (VOS pin 10) will result in a linearity change of :
(1)
For example, if VREF = 10V and pin 10 is 9mV offset from IOUT1 and IOUT2 the linearity change will be 0.03%.
Pin 3 can be offset ±100mV with no linearity change, but the logic input threshold will shift.
Linearity Error
Figure 3. a) End Point Test After
Figure 4. b) Best Straight Line
Figure 5. c) Shifting fs adj. to
Zero and fs adj.
Pass
Best Straight Line Test
Definition of Terms
Resolution: Resolution is directly related to the number of switches or bits within the DAC. For example, the
DAC0830 has 28 or 256 steps and therefore has 8-bit resolution.
Linearity Error: Linearity Error is the maximum deviation from a straight line passing through the endpoints of
the DAC transfer characteristic. It is measured after adjusting for zero and full-scale. Linearity error is a
parameter intrinsic to the device and cannot be externally adjusted.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DAC0830 DAC0832



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com