Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC0832LCWMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC0832LCWMX/NOPB
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0832LCWMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DAC0832LCWMX/NOPB Datasheet HTML 1Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 2Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 3Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 4Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 5Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 6Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 7Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 8Page - Texas Instruments DAC0832LCWMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
DAC0830, DAC0832
www.ti.com
SNAS534B – MAY 1999 – REVISED MARCH 2013
DAC0830/DAC0832 8-Bit
μP Compatible, Double-Buffered D to A Converters
Check for Samples: DAC0830, DAC0832
1
FEATURES
KEY SPECIFICATIONS
234
•
Double-Buffered, Single-Buffered or Flow-
•
Current Settling Time:
1
μs
Through Digital Data Inputs
•
Resolution:
8 bits
•
Easy Interchange and Pin-Compatible with 12-
•
Linearity:
8, 9, or 10 bits (Ensured Over
bit DAC1230 Series
Temp.)
•
Direct Interface to All Popular
•
Gain Tempco:
0.0002% FS/°C
Microprocessors
•
Low Power Dissipation:
20 mW
•
Linearity Specified with Zero and Full Scale
•
Single Power Supply:
5 to 15 VDC
Adjust Only—NOT BEST STRAIGHT LINE FIT.
•
Works with ±10V Reference-Full 4-Quadrant
DESCRIPTION
Multiplication
The DAC0830 is an advanced CMOS/Si-Cr 8-bit
•
Can Be Used in the Voltage Switching Mode
multiplying DAC designed to interface directly with the
8080,
8048,
8085,
Z80®,
and
other
popular
•
Logic Inputs Which Meet TTL Voltage Level
microprocessors. A deposited silicon-chromium R-2R
Specs (1.4V Logic Threshold)
resistor ladder network divides the reference current
•
Operates “STAND ALONE” (without
μP) if
and provides the circuit with excellent temperature
Desired
tracking characteristics (0.05% of Full Scale Range
maximum linearity error over temperature). The circuit
•
Available in 20-Pin SOIC or PLCC Package
uses CMOS current switches and control logic to
achieve low power consumption and low output
leakage current errors. Special circuitry provides TTL
logic input voltage level compatibility.
Double buffering allows these DACs to output a
voltage corresponding to one digital word while
holding the next digital word. This permits the
simultaneous updating of any number of DACs.
The DAC0830 series are the 8-bit members of a
family of microprocessor-compatible DACs (MICRO-
DAC).
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
BI-FET is a trademark of Texas Instruments.
3
Z80 is a registered trademark of Zilog Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC0832LCWMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0832LCJ NSC-DAC0832LCJ Datasheet
532Kb / 28P
8-Bit P Compatible, Double-Buffered D to A Converters
DAC0832LCM NSC-DAC0832LCM Datasheet
532Kb / 28P
8-Bit P Compatible, Double-Buffered D to A Converters
DAC0832LCN NSC-DAC0832LCN Datasheet
532Kb / 28P
8-Bit P Compatible, Double-Buffered D to A Converters
DAC0832LCV NSC-DAC0832LCV Datasheet
532Kb / 28P
8-Bit P Compatible, Double-Buffered D to A Converters
More results

Similar Description - DAC0832LCWMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0830 NSC-DAC0830 Datasheet
532Kb / 28P
8-Bit P Compatible, Double-Buffered D to A Converters
DAC1006 NSC-DAC1006 Datasheet
369Kb / 22P
uP Compatible, Double-Buffered D to A Converters
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
12-Bit, uP Compatible, Double-Buffered D to A Converters
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
關P Compatible 8 Bit A/D Converter
logo
National Semiconductor ...
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
DOUBLE-BUFFERED D TO A CONVERTERS
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
8-Bit 關P Compatible A/D Converters
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
8-Bit 關P Compatible A/D Converters with Multiplexer Options
DAC1208 TI1-DAC1208_11 Datasheet
612Kb / 20P
DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com