Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5008AMM/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5008AMM/NOPB
Description  100-V 350-mA Constant On-Time Buck Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5008AMM/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5008AMM/NOPB Datasheet HTML 7Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 8Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 9Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 10Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 11Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 12Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 13Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 14Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
L1 =
VOUT x (VIN - VOUT)
IOR x Fs x VIN
LM5008A
www.ti.com
SNVS583F – MARCH 2009 – REVISED MARCH 2013
APPLICATIONS INFORMATION
SELECTION OF EXTERNAL COMPONENTS
A guide for determining the component values will be illustrated with a design example. Refer to the Block
Diagram. The following steps will configure the LM5008A for:
•
Input voltage range (Vin): 12V to 95V
•
Output voltage (VOUT1): 10V
•
Load current (for continuous conduction mode): 100 mA to 300 mA
RFB1, RFB2: VOUT = VFB x (RFB1 + RFB2) / RFB1, and since VFB = 2.5V, the ratio of RFB2 to RFB1 calculates as 3:1.
Standard values of 3.01 k
Ω and 1.00 kΩ are chosen. Other values could be used as long as the 3:1 ratio is
maintained.
Fs and RT: The recommended operating frequency range for the LM5008A is 50 kHz to 1.1 MHz. Unless the
application requires a specific frequency, the choice of frequency is generally a compromise since it affects the
size of L1 and C2, and the switching losses. The maximum allowed frequency, based on a minimum on-time of
400 ns, is calculated from:
FMAX = VOUT / (VINMAX x 400 ns)
(6)
For this exercise, Fmax = 263 kHz. From Equation 2, RT calculates to 274 kΩ. A standard value 324 kΩ resistor
will be used to allow for tolerances in Equation 2, resulting in a frequency of 223 kHz.
L1: The main parameter affected by the inductor is the output current ripple amplitude. The choice of inductor
value therefore depends on both the minimum and maximum load currents, keeping in mind that the maximum
ripple current occurs at maximum Vin.
a) Minimum load current: To maintain continuous conduction at minimum Io (100 mA), the ripple amplitude
(IOR) must be less than 200 mAp-p so the lower peak of the waveform does not reach zero. L1 is calculated
using Equation 7.
(7)
At Vin = 95V, L1(min) calculates to 200 µH. The next larger standard value (220 µH) is chosen and with this
value IOR calculates to 182 mAp-p at Vin = 95V, and 34 mAp-p at Vin = 12V.
b) Maximum load current: At a load current of 300 mA, the peak of the ripple waveform must not reach the
minimum value of the LM5008A’s current limit threshold (410 mA). Therefore the ripple amplitude must be less
than 220 mAp-p, which is already satisfied in the above calculation. With L1 = 220 µH, at maximum Vin and Io,
the peak of the ripple will be 391 mA. While L1 must carry this peak current without saturating or exceeding its
temperature rating, it also must be capable of carrying the maximum value of the LM5008A’s current limit
threshold (610 mA) without saturating, since the current limit is reached during startup.
The DC resistance of the inductor should be as low as possible. For example, if the inductor’s DCR is one ohm,
the power dissipated at maximum load current is 0.09W. While small, it is not insignificant compared to the load
power of 3W.
C3: The capacitor on the VCC output provides not only noise filtering and stability, but its primary purpose is to
prevent false triggering of the VCC UVLO at the buck switch on/off transitions. C3 should be no smaller than 0.47
µF.
C2, and R3: When selecting the output filter capacitor C2, the items to consider are ripple voltage due to its
ESR, ripple voltage due to its capacitance, and the nature of the load.
ESR and R3: A low ESR for C2 is generally desirable so as to minimize power losses and heating within the
capacitor. However, the regulator requires a minimum amount of ripple voltage at the feedback input for proper
loop operation. For the LM5008A the minimum ripple required at pin 5 is 25 mVp-p, requiring a minimum ripple at
VOUT of 100 mV. Since the minimum ripple current (at minimum Vin) is 34 mA p-p, the minimum ESR required at
VOUT is 100 mV/34 mA = 2.94Ω. Since quality capacitors for SMPS applications have an ESR considerably less
than this, R3 is inserted as shown in the Block Diagram. R3’s value, along with C2’s ESR, must result in at least
25 mVp-p ripple at pin 5. Generally, R3 will be 0.5 to 3.0
Ω.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5008A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com