Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5008AMM/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5008AMM/NOPB
Description  100-V 350-mA Constant On-Time Buck Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5008AMM/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5008AMM/NOPB Datasheet HTML 8Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 9Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 10Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 11Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 12Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 13Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 14Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 15Page - Texas Instruments LM5008AMM/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
C1 =
I x tON
'V
0.3A x 3.74 Ps
2.0V
=
= 0.56 PF
LM5008A
SNVS583F – MARCH 2009 – REVISED MARCH 2013
www.ti.com
RCL: When current limit is detected, the minimum off-time set by this resistor must be greater than the maximum
normal off-time, which occurs at maximum input voltage. Using Equation 4, the minimum on-time is 472 ns,
yielding an off-time of 4 µs (at 223 kHz). Due to the 25% tolerance on the on-time, the off-time tolerance is also
25%, yielding a maximum off-time of 5 µs. Allowing for the response time of the current limit detection circuit
(350 ns) increases the maximum off-time to 5.35 µs. This is increased an additional 25% to 6.7 µs to allow for
the tolerances of Equation 5. Using Equation 5, RCL calculates to 325 kΩ at VFB = 2.5V. A standard value 332 kΩ
resistor will be used.
D1: The important parameters are reverse recovery time and forward voltage. The reverse recovery time
determines how long the reverse current surge lasts each time the buck switch is turned on. The forward voltage
drop is significant in the event the output is short-circuited as it is only this diode’s voltage which forces the
inductor current to reduce during the forced off-time. For this reason, a higher voltage is better, although that
affects efficiency. A good choice is a Schottky power diode, such as the DFLS1100. D1’s reverse voltage rating
must be at least as great as the maximum Vin, and its current rating be greater than the maximum current limit
threshold (610 mA).
C1: This capacitor’s purpose is to supply most of the switch current during the on-time, and limit the voltage
ripple at Vin, on the assumption that the voltage source feeding Vin has an output impedance greater than zero.
At maximum load current, when the buck switch turns on, the current into pin 8 will suddenly increase to the
lower peak of the output current waveform, ramp up to the peak value, then drop to zero at turn-off. The average
input current during this on-time is the load current (300 mA). For a worst case calculation, C1 must supply this
average load current during the maximum on-time. To keep the input voltage ripple to less than 2V (for this
exercise), C1 calculates to:
(8)
Quality ceramic capacitors in this value have a low ESR which adds only a few millivolts to the ripple. It is the
capacitance which is dominant in this case. To allow for the capacitor’s tolerance, temperature effects, and
voltage effects, a 1.0 µF, 100V, X7R capacitor will be used.
C4: The recommended value is 0.01µF for C4, as this is appropriate in the majority of applications. A high quality
ceramic capacitor, with low ESR is recommended as C4 supplies the surge current to charge the buck switch
gate at turn-on. A low ESR also ensures a quick recharge during each off-time. At minimum Vin, when the on-
time is at maximum, it is possible during start-up that C4 will not fully recharge during each 300 ns off-time. The
circuit will not be able to complete the start-up, and achieve output regulation. This can occur when the
frequency is intended to be low (e.g., RT = 500K). In this case C4 should be increased so it can maintain
sufficient voltage across the buck switch driver during each on-time.
C5: This capacitor helps avoid supply voltage transients and ringing due to long lead inductance at VIN. A low
ESR, 0.1µF ceramic chip capacitor is recommended, located close to the LM5008A.
FINAL CIRCUIT
The final circuit is shown in Figure 12. The circuit was tested, and the resulting performance is shown in
Figure 13 and Figure 14.
PC BOARD LAYOUT
The LM5008A regulation and over-voltage comparators are very fast, and as such will respond to short duration
noise pulses. Layout considerations are therefore critical for optimum performance. The components at pins 1, 2,
3, 5, and 6 should be as physically close as possible to the IC, thereby minimizing noise pickup in the PC tracks.
The current loop formed by D1, L1, and C2 should be as small as possible. The ground connection from D1 to
C1 should be as short and direct as possible.
If the internal dissipation of the LM5008A produces excessive junction temperatures during normal operation,
good use of the PC board’s ground plane can help considerably to dissipate heat. The exposed pad on the
bottom of the WSON-8 package can be soldered to a ground plane on the PC board, and that plane should
extend out from beneath the IC to help dissipate the heat. Additionally, the use of wide PC board traces, where
possible, can also help conduct heat away from the IC. Judicious positioning of the PC board within the end
product, along with use of any available air flow (forced or natural convection) can help reduce the junction
temperatures.
12
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5008A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com