Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LME49720MA/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LME49720MA/NOPB
Description  LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LME49720MA/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LME49720MA/NOPB Datasheet HTML 21Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 22Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 23Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 24Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 25Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 26Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 27Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 28Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
LME49720
www.ti.com
SNAS393C – MARCH 2007 – REVISED APRIL 2013
TYPICAL APPLICATIONS
AV = 34.5
F = 1 kHz
En = 0.38 μV
A Weighted
Figure 114. NAB Preamp
Figure 115. NAB Preamp Voltage Gain vs
Frequency
VO = V1 + V2 − V3 − V4
VO = V1–V2
Figure 116. Balanced to Single Ended Converter
Figure 117. Adder/Subtracter
Illustration is f0 = 1 kHz
Figure 118. Sine Wave Oscillator
Figure 119. Second Order High Pass Filter
(Butterworth)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LME49720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com