Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LME49720MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LME49720MA/NOPB
Description  LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LME49720MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LME49720MA/NOPB Datasheet HTML 7Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 8Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 9Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 10Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 11Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 12Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 13Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 14Page - Texas Instruments LME49720MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
-130
+0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
10k
5k
2k
1k
500
200
100
50
FREQUENCY (Hz)
20
20k
FREQUENCY (Hz)
+0
10k
1k
2k
5k
50 100 200 500
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
FREQUENCY (Hz)
+0
10k
1k
2k
5k
50 100 200 500
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
FREQUENCY (Hz)
+0
10k
1k
2k
5k
50 100 200 500
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
FREQUENCY (Hz)
+0
10k
1k
2k
5k
50 100 200 500
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
FREQUENCY (Hz)
+0
10k
1k
2k
5k
50 100 200 500
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
LME49720
www.ti.com
SNAS393C – MARCH 2007 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Crosstalk vs Frequency
Crosstalk vs Frequency
VCC = 15V, VEE = –15V, VOUT = 10VRMS
VCC = 12V, VEE = –12V, VOUT = 3VRMS
AV = 0dB, RL = 2kΩ
AV = 0dB, RL = 2kΩ
Figure 40.
Figure 41.
Crosstalk vs Frequency
Crosstalk vs Frequency
VCC = 12V, VEE = –12V, VOUT = 10VRMS
VCC = 17V, VEE = –17V, VOUT = 3VRMS
AV = 0dB, RL = 2kΩ
AV = 0dB, RL = 2kΩ
Figure 42.
Figure 43.
Crosstalk vs Frequency
Crosstalk vs Frequency
VCC = 17V, VEE = –17V, VOUT = 10VRMS
VCC = 2.5V, VEE = –2.5V, VOUT = 1VRMS
AV = 0dB, RL = 2kΩ
AV = 0dB, RL = 2kΩ
Figure 44.
Figure 45.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LME49720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com